Electronic Components Datasheet Search
  English  ▼

X  

LM2597 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2597
Description  SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2597 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2597 Datasheet HTML 11Page - National Semiconductor (TI) LM2597 Datasheet HTML 12Page - National Semiconductor (TI) LM2597 Datasheet HTML 13Page - National Semiconductor (TI) LM2597 Datasheet HTML 14Page - National Semiconductor (TI) LM2597 Datasheet HTML 15Page - National Semiconductor (TI) LM2597 Datasheet HTML 16Page - National Semiconductor (TI) LM2597 Datasheet HTML 17Page - National Semiconductor (TI) LM2597 Datasheet HTML 18Page - National Semiconductor (TI) LM2597 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LM2597/LM2597HV Series Buck Regulator Design Procedure (Adjustable
Output) (Continued)
Output
Voltage
(V)
Through Hole Output Capacitor
Surface Mount Output Capacitor
Panasonic
Nichicon PL
Feedforward
AVX TPS
Sprague
Feedforward
HFQ Series
Series
Capacitor
Series
595D Series
Capacitor
(µF/V)
(µF/V)
(µF/V)
(µF/V)
1.2
220/25
220/25
0
220/10
220/10
0
4
180/25
180/25
4.7 nF
100/10
120/10
4.7 nF
6
82/25
82/25
4.7 nF
100/10
120/10
4.7 nF
9
82/25
82/25
3.3 nF
100/16
100/16
3.3 nF
12
82/25
82/25
2.2 nF
100/16
100/16
2.2 nF
15
82/25
82/25
1.5 nF
68/20
100/20
1.5 nF
24
82/50
120/50
1 nF
10/35
15/35
220 pF
28
82/50
120/50
820 pF
10/35
15/35
220 pF
FIGURE 2. Output Capacitor and Feedforward Capacitor Selection Table
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com