Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 25Page - National Semiconductor (TI) LM2598 Datasheet HTML 26Page - National Semiconductor (TI) LM2598 Datasheet HTML 27Page - National Semiconductor (TI) LM2598 Datasheet HTML 28Page - National Semiconductor (TI) LM2598 Datasheet HTML 29Page - National Semiconductor (TI) LM2598 Datasheet HTML 30Page - National Semiconductor (TI) LM2598 Datasheet HTML 31Page - National Semiconductor (TI) LM2598 Datasheet HTML 32Page - National Semiconductor (TI) LM2598 Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Application Information (Continued)
NEGATIVE VOLTAGE CHARGE PUMP
Occasionally a low current negative voltage is needed for
biasing parts of a circuit. A simple method of generating a
negative voltage using a charge pump technique and the
switching waveform present at the OUT pin, is shown in
Figure 32. This unregulated negative voltage is approxi-
mately equal to the positive input voltage (minus a few volts),
and can supply up to a 200 mA of output current. There is a
requirement however, that there be a minimum load of sev-
eral hundred mA on the regulated positive output for the
charge pump to work correctly. Also, resistor R1 is required
to limit the charging current of C1 to some value less than
the LM2598 current limit (typically 1.5A).
This method of generating a negative output voltage without
an additional inductor can be used with other members of
the Simple Switcher Family, using either the buck or boost
topology.
DS012593-46
FIGURE 31. Undervoltage Lockout With
Hysteresis for an Inverting Regulator
DS012593-48
FIGURE 32. Charge Pump for Generating a
Low Current, Negative Output Voltage
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com