Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 16Page - National Semiconductor (TI) LM2598 Datasheet HTML 17Page - National Semiconductor (TI) LM2598 Datasheet HTML 18Page - National Semiconductor (TI) LM2598 Datasheet HTML 19Page - National Semiconductor (TI) LM2598 Datasheet HTML 20Page - National Semiconductor (TI) LM2598 Datasheet HTML 21Page - National Semiconductor (TI) LM2598 Datasheet HTML 22Page - National Semiconductor (TI) LM2598 Datasheet HTML 23Page - National Semiconductor (TI) LM2598 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application Information (Continued)
the narrow pulses and ramp up in a controlled manner. This
is a very useful feature in some switcher topologies that
require large startup currents (such as the inverting configu-
ration) which can load down the input power supply.
Note: The lower curve shown in
Figure 13 shows the Soft-start region from
0% to 100%. This is not the duty cycle percentage, but the output
voltage percentage. Also, the Soft-start voltage range has a negative
temperature coefficient associated with it. See the Soft-start curve in
the electrical characteristics section.
4. Normal operation. Above 2.8V, the circuit operates as a
standard Pulse Width Modulated switching regulator. The
capacitor will continue to charge up until it reaches the
internal clamp voltage of approximately 7V. If this pin is
driven from a voltage source, the current must be limited to
about 1 mA.
If the part is operated with an input voltage at or below the
internal soft-start clamp voltage of approximately 7V, the
voltage on the SD/SS pin tracks the input voltage and can be
disturbed by a step in the voltage. To maintain proper func-
tion under these conditions, it is strongly recommended that
the SD/SS pin be clamped externally between the 3V maxi-
mum soft-start threshold and the 4.5V minimum input volt-
age.
Figure 15 is an example of an external 3.7V (approx.)
clamp that prevents a line-step related glitch but does not
interfere with the soft-start behavior of the device.
DS012593-30
FIGURE 13. Soft-start, Delay, Error, Output
DS012593-31
FIGURE 14. Timing Diagram for 5V Output
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com