Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 14Page - National Semiconductor (TI) LM2598 Datasheet HTML 15Page - National Semiconductor (TI) LM2598 Datasheet HTML 16Page - National Semiconductor (TI) LM2598 Datasheet HTML 17Page - National Semiconductor (TI) LM2598 Datasheet HTML 18Page - National Semiconductor (TI) LM2598 Datasheet HTML 19Page - National Semiconductor (TI) LM2598 Datasheet HTML 20Page - National Semiconductor (TI) LM2598 Datasheet HTML 21Page - National Semiconductor (TI) LM2598 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LM2598 Series Buck Regulator Design Procedure (Continued)
Coilcraft Inc.
Phone
(800) 322-2645
FAX
(708) 639-1469
Coilcraft Inc., Europe
Phone
+11 1236 730
595
FAX
+44 1236 730
627
Pulse Engineering Inc.
Phone
(619) 674-8100
FAX
(619) 674-8262
Pulse Engineering Inc.,
Phone
+353 93 24 107
Europe
FAX
+353 93 24 459
Renco Electronics Inc.
Phone
(800) 645-5828
FAX
(516) 586-5562
Schott Corp.
Phone
(612) 475-1173
FAX
(612) 475-1786
FIGURE 9. Inductor Manufacturers Phone Numbers
Nichicon Corp.
Phone
(708) 843-7500
FAX
(708) 843-2798
Panasonic
Phone
(714) 373-7857
FAX
(714) 373-7102
AVX Corp.
Phone
(803) 448-9411
FAX
(803) 448-1943
Sprague/Vishay
Phone
(207) 324-4140
FAX
(207) 324-7223
FIGURE 10. Capacitor Manufacturers Phone Numbers
VR
1A Diodes
3A Diodes
Surface Mount
Through Hole
Surface Mount
Through Hole
Schottky
Ultra Fast
Schottky
Ultra Fast
Schottky
Ultra Fast
Schottky
Ultra Fast
Recovery
Recovery
Recovery
Recovery
20V
SK12
All of these
1N5817
All of these
All of these
IN5820
All of these
diodes are
SR102
diodes are
SK32
diodes are
SR302
diodes are
rated to at
rated to at
rated to at
MBR320
rated to at
30V
SK13
least 50V.
1N5818
least 50V.
least 50V.
1N5821
least 50V.
MBRS130
SR103
SK33
MBR330
11DQ03
31DQ03
40V
SK14
1N5822
MBRS140
1N5819
SK34
SR304
10BQ040
SR104
MBRS340
MBR340
10MQ040
MURS120
11DQ04
MUR120
30WQ04
MURS320
31DQ04
MUR320
50V
or
more
MBRS160
10BF10
SR105
SK35
30WF10
SR305
30WF10
10BQ050
MBR150
MBRS360
MBR350
10MQ060
11DQ05
30WQ05
31DQ05
FIGURE 11. Diode Selection Table
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com