Electronic Components Datasheet Search
  English  ▼

X  

LM2598 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2598
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2598 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2598 Datasheet HTML 13Page - National Semiconductor (TI) LM2598 Datasheet HTML 14Page - National Semiconductor (TI) LM2598 Datasheet HTML 15Page - National Semiconductor (TI) LM2598 Datasheet HTML 16Page - National Semiconductor (TI) LM2598 Datasheet HTML 17Page - National Semiconductor (TI) LM2598 Datasheet HTML 18Page - National Semiconductor (TI) LM2598 Datasheet HTML 19Page - National Semiconductor (TI) LM2598 Datasheet HTML 20Page - National Semiconductor (TI) LM2598 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
LM2598 Series Buck Regulator Design Procedure (Continued)
Inductance
(µH)
Current
(A)
Schott
Renco
Pulse Engineering
Coilcraft
Through
Surface
Through
Surface
Through
Surface
Surface
Hole
Mount
Hole
Mount
Hole
Mount
Mount
L4
68
0.32
67143940
67144310
RL-1284-68-43
RL1500-68
PE-53804
PE-53804-S
DO1608-68
L5
47
0.37
67148310
67148420
RL-1284-47-43
RL1500-47
PE-53805
PE-53805-S
DO1608-473
L6
33
0.44
67148320
67148430
RL-1284-33-43
RL1500-33
PE-53806
PE-53806-S
DO1608-333
L9
220
0.32
67143960
67144330
RL-5470-3
RL1500-220
PE-53809
PE-53809-S
DO3308-224
L10
150
0.39
67143970
67144340
RL-5470-4
RL1500-150
PE-53810
PE-53810-S
DO3308-154
L11
100
0.48
67143980
67144350
RL-5470-5
RL1500-100
PE-53811
PE-53811-S
DO3308-104
L12
68
0.58
67143990
67144360
RL-5470-6
RL1500-68
PE-53812
PE-53812-S
DO3308-683
L13
47
0.70
67144000
67144380
RL-5470-7
RL1500-47
PE-53813
PE-53813-S
DO3308-473
L14
33
0.83
67148340
67148450
RL-1284-33-43
RL1500-33
PE-53814
PE-53814-S
DO3308-333
L15
22
0.99
67148350
67148460
RL-1284-22-43
RL1500-22
PE-53815
PE-53815-S
DO3308-223
L16
15
1.24
67148360
67148470
RL-1284-15-43
RL1500-15
PE-53816
PE-53816-S
DO3308-153
L17
330
0.42
67144030
67144410
RL-5471-1
RL1500-330
PE-53817
PE-53817-S
DO3316-334
L18
220
0.55
67144040
67144420
RL-5471-2
RL1500-220
PE-53818
PE-53818-S
DO3316-224
L19
150
0.66
67144050
67144430
RL-5471-3
RL1500-150
PE-53819
PE-53819-S
DO3316-154
L20
100
0.82
67144060
67144440
RL-5471-4
RL1500-100
PE-53820
PE-53820-S
DO3316-104
L21
68
0.99
67144070
67144450
RL-5471-5
RL1500-68
PE-53821
PE-53821-S
DO3316-683
L22
47
1.17
67144080
67144460
RL-5471-6
—
PE-53822
PE-53822-S
DO3316-473
L23
33
1.40
67144090
67144470
RL-5471-7
—
PE-53823
PE-53823-S
DO3316-333
L24
22
1.70
67148370
67144480
RL-1283-22-43
—
PE-53824
PE-53824-S
DO3316-223
L26
330
0.80
67144100
67144480
RL-5471-1
—
PE-53826
PE-53826-S
DO5022P-334
L27
220
1.00
67144110
67144490
RL-5471-2
—
PE-53827
PE-53827-S
DO5022P-224
L28
150
1.20
67144120
67144500
RL-5471-3
—
PE-53828
PE-53828-S
DO5022P-154
L29
100
1.47
67144130
67144510
RL-5471-4
—
PE-53829
PE-53829-S
DO5022P-104
L30
68
1.78
67144140
67144520
RL-5471-5
—
PE-53830
PE-53830-S
DO5022P-683
L35
47
2.15
67144170
—
RL-5473-1
—
PE-53935
PE-53935-S
—
FIGURE 8. Inductor Manufacturers Part Numbers
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com