Electronic Components Datasheet Search
  English  ▼

X  

MP7226 Datasheet(PDF) 13 Page - Exar Corporation

Part # MP7226
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226 Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP7226 Datasheet HTML 8Page - Exar Corporation MP7226 Datasheet HTML 9Page - Exar Corporation MP7226 Datasheet HTML 10Page - Exar Corporation MP7226 Datasheet HTML 11Page - Exar Corporation MP7226 Datasheet HTML 12Page - Exar Corporation MP7226 Datasheet HTML 13Page - Exar Corporation MP7226 Datasheet HTML 14Page - Exar Corporation MP7226 Datasheet HTML 15Page - Exar Corporation MP7226 Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP7226
13
Rev. 2.00
20 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
N20
20
1
11
10
D
eB1
A1
E1
α
C
E
A
L
B
Q1
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
––
0.200
––
5.08
A1
0.015
––
0.38
––
B
0.014
0.023
0.356
0.584
B1 (1)
0.038
0.065
0.965
1.65
C
0.008
0.015
0.203
0.381
D
0.945
1.060
24.0
26.92
E
0.295
0.325
7.49
8.26
E1
0.220
0.310
5.59
7.87
e
0.100 BSC
2.54 BSC
L
0.115
0.150
2.92
3.81
α
0
°
15
°
0
°
15
°
Q1
0.055
0.070
1.40
1.78
S
0.040
0.080
1.02
2.03
MILLIMETERS
S
Note:
(1)
The minimum limit for dimensions B1 may be 0.023”
(0.58 mm) for all four corner leads only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com