Electronic Components Datasheet Search
  English  ▼

X  

MP7226 Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7226
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7226 Datasheet HTML 6Page - Exar Corporation MP7226 Datasheet HTML 7Page - Exar Corporation MP7226 Datasheet HTML 8Page - Exar Corporation MP7226 Datasheet HTML 9Page - Exar Corporation MP7226 Datasheet HTML 10Page - Exar Corporation MP7226 Datasheet HTML 11Page - Exar Corporation MP7226 Datasheet HTML 12Page - Exar Corporation MP7226 Datasheet HTML 13Page - Exar Corporation MP7226 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP7226
10
Rev. 2.00
VREF
VREF
VOUT
VSS
AGND
DAC
–
+
VOUT
R2
R1
VOUT = Dn X VREF X (1+R2/R1) – VREF X R2/R1
if R1 = R2
VOUT = VREF X (2Dn – 1)
Where Dn is the digital input code and can vary from 0 to 255
Figure 5. Bipolar Output Circuit
–
+
Bipolar Binary Operation
The Bipolar Mode configuration for each DAC requires one
external op-amp and two resistors per channel.
Figure 5. shows a typical Bipolar Operation circuit using the
MP7226.
Table 3. shows the code relationship for the circuit of
Figure 5. assuming R1 = R2 .
AC Reference Signal
An AC signal can be applied to the reference of the MP7226
for multiplying capability within the upper (+10V) and lower
(+2V) limits of the reference voltage input, with either single or
dual supplies . This signal must be level shifted or AC coupled
with proper bias level before being applied to the reference in-
put.
Figure 6. shows techniques for applying an AC signal to the
MP7226. Since all four DACs share a common reference, they
will all share this AC modulated reference. Input frequencies up
to 50kHz will typically be distorted less than 0.1% .
VREF
VDD
VOUT
–5 V or GND
AGND
DAC
–
+
R1
Figure 6. AC Reference Input Signal Circuit (AC Couple)
–
+
R2
C
AC
Reference
Input
+4 V
–4 V
+15 V
DC
Offset
+10 V
+2 V
DCOFFSET = VDD (+15) X R2/R1+R2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com