Electronic Components Datasheet Search
  English  ▼

X  

MP7226 Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7226
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226 Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7226 Datasheet HTML 3Page - Exar Corporation MP7226 Datasheet HTML 4Page - Exar Corporation MP7226 Datasheet HTML 5Page - Exar Corporation MP7226 Datasheet HTML 6Page - Exar Corporation MP7226 Datasheet HTML 7Page - Exar Corporation MP7226 Datasheet HTML 8Page - Exar Corporation MP7226 Datasheet HTML 9Page - Exar Corporation MP7226 Datasheet HTML 10Page - Exar Corporation MP7226 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP7226
7
Rev. 2.00
D/A CONVERTER SECTION
The MP7226 contains four matched, 8-bit, voltage-mode Dig-
ital-to-Analog Converters (DACs) which incorporate an MPS
pioneered unique bit decoding technique. This decoding
scheme reduces the maximum binary weight carried by any re-
sistor switch, reducing the accuracy required of the switches
and resistor network.
In the MP7226, the first three MSBs are decoded into three
equal current sources, each contributing 25% of the full scale
output current.
Decoding two bits to three, a 1% change in any one of the
converter’s three decoded current sources affects the output by
no more than 0.25% of full scale, compared with 0.5% in a con-
ventional R-2R type CMOS DAC.
The output voltages have the same polarity as the reference
voltage, allowing single supply operation. The voltage refer-
ence range is from +2V to +10V. Each DAC uses a highly-stable,
thin-film, ladder network and high-speed NMOS switches.
Figure 1. shows a simplified circuit diagram for one channel.
2R
4R
4R
4R
4R
2R
2R
Switch Drivers
Figure 1. Simplified D/A Circuit Diagram
–
+
2 to 3 Decoder
4R
4R
VREF
AGND
Shown for all 1s on DAC
VOUT
VREF Input
The VREF and AGND are common to all four DACs and set
the full-scale output. The input impedance of the VREF pin is the
parallel combination of the four individual DAC reference imped-
ances and is code dependent. This impedance varies from 2k
Ω
to 500k
Ω. Therefore, it is very important that the external refer-
ence source output impedance is low enough so that its output
voltage will not be affected by the varying digital code. Due to
transient currents at the VREF input during digital code changes,
a 0.1
µF or greater decoupling capacitor on that VREF input is
recommended. The input capacitance at the VREF pin is also
code dependent and typically varies from less than 120pF to
350pF.
Each VOUT voltage can be represented by a digitally pro-
grammable voltage source using the following expression :
VOUT = Dn X VREF/256
where Dn is the decimal equivalent to the digital input code
and can vary from 0 to 255.
Output Buffer Amp
Each D/A converter output is buffered by a unity gain nonin-
verting BiCMOS amplifier which has slew rate greater than 2 V/
µs . The output buffer settles to 1/2 LSB in less than 4µs when
driving a load of 2k
Ω in parallel with 100pF with a full scale transi-
tion from 0V to +10V or from +10V to 0V . The buffers can drive
2k
Ω and 500pF to 10V levels without oscillation.
A simplified circuit diagram of the output buffer is shown in
Figure 2. The Input stage is provided by BiCMOS PNP transis-
tors with resulting lower input offset voltage, offset voltage drift
over time and noise when compared to MOS process . The am-
plifier output stage uses a substrate NPN bipolar device to pro-
vide a low output impedance, high-output current capability.
The MP7226 is specified for single or dual power supply op-
eration, with only the buffer amplifier outputs using VSS supply
current . Operating the MP7226 from dual supplies will improve
the negative going output settling time near ground. In dual sup-
ply voltage operation , the output amplifier can sink 500
µA when
VOUT = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com