Electronic Components Datasheet Search
  English  ▼

X  

MP7226 Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7226
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226 Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7226 Datasheet HTML 5Page - Exar Corporation MP7226 Datasheet HTML 6Page - Exar Corporation MP7226 Datasheet HTML 7Page - Exar Corporation MP7226 Datasheet HTML 8Page - Exar Corporation MP7226 Datasheet HTML 9Page - Exar Corporation MP7226 Datasheet HTML 10Page - Exar Corporation MP7226 Datasheet HTML 11Page - Exar Corporation MP7226 Datasheet HTML 12Page - Exar Corporation MP7226 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP7226
9
Rev. 2.00
APPLICATIONS INFORMATION
Power On Reset
At power up, all inputs are reset to 0 V if WR = 1. For WR = 0,
the addressed DAC will receive input data.
Power Supply
The MP7226 can operate with either a single or dual power
supply. Improved zero-code settling error can be obtained by
using dual power supplies. The dual power supply specifica-
tions are a positive supply (VDD) range of +10.5V to +16.5V, and
a –5V supply (VSS) . The single power supply specifications are
a positive supply (VDD) range of +10.5V to +16.5V, or range of
+4.75V to 5.5V . The specified reference voltage (VREF) range
under these conditions is from +2V to VDD –4V. For those appli-
cations requiring +10V at the output (VREF = +10V), VDD must
be +14V minimum to meet data sheet limits . 8-bit performance
is guaranteed for single supply operation (VSS = 0V); however,
zero code output sink capability is improved with VSS = –5V. For
adequate DAC and Buffer operation, VREF must always be be-
low VDD by at least 3.5V.
Power Supply Decoupling
The Power Supplies used with the MP7226 should be well
regulated and filtered. Local power supply decoupling consist-
ing of a 10
µF tantalum capacitor in parallel with a 0.01µF ce-
ramic is recommended. The decoupling capacitors should be
connected between the VDD and AGND, and between VSS and
AGND if VSS = –5V.
Unipolar Output Operation
In this configuration, the reference voltage is the same polar-
ity as the output voltage. Since the reference voltage must al-
ways be positive with respect to GND, the output can only be 0 or
positive.
Table 2. shows the code relationship for the part in unipolar
operation
Table 2. Unipolar Code Table
1
1
1
0
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
1
0
1
1
0
Digital Input
Analog Output, VOUT
) VREF (255
256)
) VREF (129
256)
) VREF (128
256) +)
VREF
2
) VREF (127
256)
) VREF ( 1
256)
0 V
Note :1 LSB + (2*8) (VREF) + 1
256 (VREF)
Table 3. Bipolar Code Table
1
1
1
0
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
0
0
1
1
0
1
1
0
Digital Input
Analog Output
) VREF ( 1
128)
* VREF ( 1
128)
* VREF (127
128)
0 V
) VREF (127
128)
* VREF (128
128) + * VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com