Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 3 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 3 Page - Cirrus Logic

  EP7311 Datasheet HTML 1Page - Cirrus Logic EP7311 Datasheet HTML 2Page - Cirrus Logic EP7311 Datasheet HTML 3Page - Cirrus Logic EP7311 Datasheet HTML 4Page - Cirrus Logic EP7311 Datasheet HTML 5Page - Cirrus Logic EP7311 Datasheet HTML 6Page - Cirrus Logic EP7311 Datasheet HTML 7Page - Cirrus Logic EP7311 Datasheet HTML 8Page - Cirrus Logic EP7311 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
3
EP7311
High-Performance, Low-Power System on Chip
Processor Core - ARM720T
The
EP7311
incorporates
an
ARM
32-bit
RISC
microcontroller that controls a wide range of on-chip
peripherals. The processor utilizes a three-stage pipeline
consisting of fetch, decode and execute stages. Key
features include:
• ARM (32-bit) and Thumb (16-bit compressed)
instruction sets
• Enhanced MMU for Microsoft Windows CE and other
operating systems
• 8 KB of 4-way set-associative cache.
• Translation Look Aside Buffers with 64 Translated
Entries
Power Management
The EP7311 is designed for ultra-low-power operation.
Its core operates at only 2.5 V, while its I/O has an
operation range of 2.5 V–3.3 V allowing the device to
achieve a performance level equivalent to 60 MIPS. The
device has three basic power states:
• Operating — This state is the full performance
state. All the clocks and peripheral logic are
enabled.
• Idle — This state is the same as the Operating
State, except the CPU clock is halted while
waiting for an event such as a key press.
• Standby — This state is equivalent to the
computer being switched off (no display), and
the main oscillator shut down. An event such as
a key press can wake-up the processor.
MaverickKey™ Unique ID
MaverickKey unique hardware programmed IDs are a
solution to the growing concern over secure web content
and commerce. With Internet security playing an
important role in the delivery of digital media such as
books or music, traditional software methods are quickly
becoming unreliable. The MaverickKey unique IDs
provide OEMs with a method of utilizing specific
hardware IDssuch asthose assigned forSDMI (Secure
Digital Music Initiative) or any other authentication
mechanism.
Both a specific 32-bit ID as well as a 128-bit random ID is
programmed into the EP7311 through the use of laser
probing technology. These IDs can then be used to match
secure copyrighted content with the ID of the target
device the EP7311 is powering, and then deliver the
copyrighted information over a secure connection. In
addition, secure transactions can benefit by also
matching device IDstoserverIDs.MaverickKey IDs
provide a level of hardware security required for today’s
Internet appliances.
Memory Interfaces
There are two main external memory interfaces. The first
one is the ROM/SRAM/FLASH-style interface that has
programmable wait-state timings and includes burst-
mode capability, with six chip selects decoding six
256 MB sections of addressable space. For maximum
flexibility, each bank can be specified to be 8-, 16-, or 32-
bits wide. This allows the use of 8-bit-wide boot ROM
options to minimize overall system cost. The on-chip
boot ROM can be used in product manufacturing to
serially download system code into system FLASH
memory.
To
further
minimize
system
memory
requirements and cost, the ARM Thumb instruction set is
supported, providing for the use of high-speed 32-bit
operations in 16-bit op-codes and yielding industry-
leading code density.
Note:
Pins are multiplexed. See Table S on page 8 for more
information.
Pin Mnemonic
I/O
Pin Description
BATOK
I
Battery ok input
nEXTPWR
I
External power supply sense
input
nPWRFL
I
Power fail sense input
nBATCHG
I
Battery changed sense input
Table A. Power Management Pin Assignments
Pin Mnemonic
I/O
Pin Description
nCS[5:0]
O
Chip select out
A[27:0]
O
Address output
D[31:0]
I/O
Data I/O
nMOE/nSDCAS
(Note)
O
ROM expansion OP enable
nMWE/nSDWE
(Note)
O
ROM expansion write enable
HALFWORD
O
Halfword access select
output
WORD
O
Word access select output
WRITE/nSDRAS
(Note)
O
Transfer direction
Table B. Static Memory Interface Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com