Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 4 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 4 Page - Cirrus Logic

  EP7311 Datasheet HTML 1Page - Cirrus Logic EP7311 Datasheet HTML 2Page - Cirrus Logic EP7311 Datasheet HTML 3Page - Cirrus Logic EP7311 Datasheet HTML 4Page - Cirrus Logic EP7311 Datasheet HTML 5Page - Cirrus Logic EP7311 Datasheet HTML 6Page - Cirrus Logic EP7311 Datasheet HTML 7Page - Cirrus Logic EP7311 Datasheet HTML 8Page - Cirrus Logic EP7311 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
DS506PP1
EP7311
High-Performance, Low-Power System on Chip
The second is the programmable 16- or 32-bit-wide
SDRAM interface that allows direct connection of up to
two banks of SDRAM, totaling 512 Mb. To assure the
lowest
possible
power
consumption,
the
EP7311
supports self-refresh SDRAMs, which are placed in a
low-power state by the device when it enters the low-
power Standby State.
Note:
1. Pins A[27:13] map to DRA[0:14] respectively.
(i.e. A[27}/DRA[0}, A[26}/DRA[1], etc.) This is to
balance the load for large memory systems.
2. Pins are multiplexed. See Table S on page 8 for
more information.
Digital Audio Capability
The EP7311 uses its powerful 32-bit RISC processing
engine to implement audio decompression algorithms in
software. The nature of the on-board RISC processor, and
the availability of efficient C-compilers and other
software development tools, ensures that a wide range of
audio decompression algorithms can easily be ported to
and run on the EP7311
Universal Asynchronous
Receiver/Transmitters (UARTs)
The EP7311 includes two 16550-type UARTs for RS-232
serial communications, both of which have two 16-byte
FIFOs for receiving and transmitting data. The UARTs
support bit rates up to 115.2 kbps. An IrDA SIR protocol
encoder/decoder can be optionally switched into the
RX/TX signals to/from UART 1 to enable these signals
to drive an infrared communication interface directly.
Multimedia Codec Port (MCP)
The Multimedia Codec Port provides access to an audio
codec, a telecom codec, a touchscreen interface, four
general purpose analog-to-digital converter inputs, and
ten programmable digital I/O lines.
Note:
See Table R on page 8 for information on pin
multiplexes.
Pin Mnemonic
I/O
Pin Description
SDCLK
O
SDRAM clock output
SDCKE
O
SDRAM clock enable output
nSDCS[1:0]
O
SDRAM chip select out
WRITE/nSDRAS
(Note 2)
O
SDRAM RAS signal output
nMOE/nSDCAS
(Note 2)
O
SDRAM CAS control signal
nMWE/nSDWE
(Note 2)
O
SDRAM write enable control
signal
A[27:15]/DRA[0:12]
(Note 1)
O
SDRAM address
A[14:13]/DRA[12:14]
O
SDRAM internal bank select
PD[7:6]/SDQM[1:0]
(Note 2)
I/O
SDRAM byte lane mask
SDQM[3:2]
O
SDRAM byte lane mask
D[31:0]
I/O
Data I/O
Table C. SDRAM Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
TXD[1]
O
UART 1 transmit
RXD[1]
I
UART 1 receive
CTS
I
UART 1 clear to send
DCD
I
UART 1 data carrier detect
DSR
I
UART 1 data set ready
TXD[2]
O
UART 2 transmit
RXD[2]
I
UART 2 receive
LEDDRV
O
Infrared LED drive output
PHDIN
I
Photo diode input
Table D. Universal Asynchronous Receiver/Transmitters Pin
Assignments
Pin Mnemonic
I/O
Pin Description
SIBCLK
O
Serial bit clock
SIBDOUT
O
Serial data out
SIBDIN
I
Serial data in
SIBSYNC
O
Sample clock
Table E. MCP Interface Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com