Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 45 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 41Page - Cirrus Logic EP7311 Datasheet HTML 42Page - Cirrus Logic EP7311 Datasheet HTML 43Page - Cirrus Logic EP7311 Datasheet HTML 44Page - Cirrus Logic EP7311 Datasheet HTML 45Page - Cirrus Logic EP7311 Datasheet HTML 46Page - Cirrus Logic EP7311 Datasheet HTML 47Page - Cirrus Logic EP7311 Datasheet HTML 48Page - Cirrus Logic EP7311 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
45
EP7311
High-Performance, Low-Power System on Chip
M7
SSITXFR
I/O
MCP/CODEC/SSI2 frame sync
M8
DRIVE[1]
I/O
PWM drive output
M9
FB[0]
I
PWM feedback input
M10
COL[0]
O
Keyboard scanner column drive
M11
D[27]
I/O
Data I/O
M12
VSSIO
Pad ground
I/O ground
M13
A[23]/DRA[4]
O
System byte address / SDRAM address
M14
VDDIO
Pad power
Digital I/O power, 3.3V
M15
A[20]/DRA[7]
O
System byte address / SDRAM address
M16
D[21]
I/O
Data I/O
N1
nEXTFIQ
I
External fast interrupt input
N2
PE[1]/BOOTSEL[1]
I
GPIO port E / boot mode select
N3
VSSIO
Pad ground
I/O ground
N4
VDDIO
Pad power
Digital I/O power, 3.3V
N5
PD[5]
I/O
GPIO port D
N6
PD[2]
I/O
GPIO port D
N7
SSIRXDA
I/O
MCP/CODEC/SSI2 serial data input
N8
ADCCLK
O
SSI1 ADC serial clock
N9
SMPCLK
O
SSI1 ADC sample clock
N10
COL[2]
O
Keyboard scanner column drive
N11
D[29]
I/O
Data I/O
N12
D[26]
I/O
Data I/O
N13
HALFWORD
O
Halfword access select output
N14
VSSIO
Pad ground
I/O ground
N15
D[22]
I/O
Data I/O
N16
D[23]
I/O
Data I/O
P1
VSSRTC
RTC ground Real time clock ground
P2
RTCOUT
O
Real time clock oscillator output
P3
VSSIO
Pad ground
I/O ground
P4
VSSIO
Pad ground
I/O ground
P5
VDDIO
Pad power
Digital I/O power, 3.3V
P6
VSSIO
Pad ground
I/O ground
P7
VSSIO
Pad ground
I/O ground
P8
VDDIO
Pad power
Digital I/O power, 3.3V
P9
VSSIO
Pad ground
I/O ground
P10
VDDIO
Pad power
Digital I/O power, 3.3V
P11
VSSIO
Pad ground
I/O ground
P12
VSSIO
Pad ground
I/O ground
P13
VDDIO
Pad power
Digital I/O power
P14
VSSIO
Pad ground
I/O ground
P15
D[24]
I/O
Data I/O
P16
VDDIO
Pad power
Digital I/O power, 3.3V
R1
RTCIN
I/O
Real time clock oscillator input
R2
VDDIO
Pad power
Digital I/O power, 3.3V
R3
PD[4]
I/O
GPIO port D
R4
PD[1]
I/O
GPIO port D
R5
SSITXDA
O
MCP/CODEC/SSI2 serial data output
R6
nADCCS
O
SSI1 ADC chip select
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location
Name
Type
Description
R7
VDDIO
Pad power
Digital I/O power, 3.3V
R8
ADCOUT
O
SSI1 ADC serial data output
R9
COL[7]
O
Keyboard scanner column drive
R10
COL[3]
O
Keyboard scanner column drive
R11
COL[1]
O
Keyboard scanner column drive
R12
D[30]
I/O
Data I/O
R13
A[27]/DRA[0]
O
System byte address / SDRAM address
R14
A[25]/DRA[2]
O
System byte address / SDRAM address
R15
VDDIO
Pad power
Digital I/O power, 3.3V
R16
A[24]/DRA[3]
O
System byte address / SDRAM address
T1
VDDRTC
RTC power
Real time clock power, 2.5V
T2
PD[7]/SDQM[1]
I/O
GPIO port D / SDRAM byte lane mask
T3
PD[6]/SDQM[0]
I/O
GPIO port D / SDRAM byte lane mask
T4
PD[3]
I/O
GPIO port D
T5
SSICLK
I/O
MCP/CODEC/SSI2 serial clock
T6
SSIRXFR
–
MCP/CODEC/SSI2 frame sync
T7
VDDCORE
Core power
Core power, 2.5V
T8
DRIVE[0]
I/O
PWM drive output
T9
FB[1]
I
PWM feedback input
T10
COL[5]
O
Keyboard scanner column drive
T11
VDDIO
Pad power
Digital I/O power, 3.3V
T12
BUZ
O
Buzzer drive output
T13
D[28]
I/O
Data I/O
T14
A[26]/DRA[1]
O
System byte address / SDRAM address
T15
D[25]
I/O
Data I/O
T16
VSSIO
Pad ground
I/O ground
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com