Electronic Components Datasheet Search
  English  ▼

X  

EP7311 Datasheet(PDF) 41 Page - Cirrus Logic

Part # EP7311
Description  HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 37Page - Cirrus Logic EP7311 Datasheet HTML 38Page - Cirrus Logic EP7311 Datasheet HTML 39Page - Cirrus Logic EP7311 Datasheet HTML 40Page - Cirrus Logic EP7311 Datasheet HTML 41Page - Cirrus Logic EP7311 Datasheet HTML 42Page - Cirrus Logic EP7311 Datasheet HTML 43Page - Cirrus Logic EP7311 Datasheet HTML 44Page - Cirrus Logic EP7311 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DS506PP1
©Copyright Cirrus Logic, Inc. 2003
(All Rights Reserved)
41
EP7311
High-Performance, Low-Power System on Chip
*
“With p/u” means with internal pull-up of 100 KOhms on the pin.
† Strength 1 = 4 ma
Strength 2 = 12 ma
‡
Input. Port A,B,D,E GPIOs default to input at nPOR and URESET conditions.
256-Ball PBGA Package Characteristics
256-Ball PBGA Package Specifications
Figure 18. 256-Ball PBGA Package
Note:
1) For pin locations see Table V.
2) Dimensions are in millimeters (inches), and controlling dimension is millimeter
3) Before beginning any new EP7311 design, contact Cirrus Logic for the latest package information.
256-Ball PBGA Pinout (Top View)
Y20
VDDIO
Pad power
Digital I/O power,
3.3V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
VDDIO
nCS[4]
nCS[1]
SDCLK
SDQM[3]
DD[1]
M
VDDIO
D[0]
D[2]
A[3]
VDDIO
A[6]
MOSCOUT VDDOSC
VSSIO
A
B
nCS[5]
VDDIO
nCS[3]
nMOE/
nSDCAS
VDDIO
nSDCS[1]
DD[2]
CL[1]
VDDCORE
D[1]
A[2]
A[4]
A[5]
WAKEUP
VDDIO
nURESET B
C
VDDIO
EXPCLK
VSSIO
VDDIO
VSSIO
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
nPOR
nEXTPWR C
D
WRITE/
nSDRAS
EXPRDY
VSSIO
VDDIO
nCS[2]
nMWE/
nSDWE
nSDCS[0]
CL[2]
VSSRTC
D[4]
nPWRFL
MOSCIN
VDDIO
VSSIO
D[7]
D[8]
D
E
RXD[2]
PB[7]
TDI
WORD
VSSIO
nCS[0]
SDQM[2]
FRM
A[0]
D[5]
VSSOSC
VSSIO
nMEDCHG/
nBROM
VDDIO
D[9]
D[10]
E
F
PB[5]
PB[3]
VSSIO
TXD[2]
RUN/
CLKEN
VSSIO
SDCKE
DD[3]
A[1]
D[6]
VSSRTC
BATOK
nBATCHG
VSSIO
D[11]
VDDIO
F
G
PB[1]
VDDIO
TDO
PB[4]
PB[6]
VSSRTC
VSSRTC
DD[0]
D[3]
VSSRTC
A[7]
A[8]
A[9]
VSSIO
D[12]
D[13]
G
H
PA[7]
PA[5]
VSSIO
PA[4]
PA[6]
PB[0]
PB[2]
VSSRTC
VSSRTC
A[10]
A[11]
A[12]
A[13]/
DRA[14]
VSSIO
D[14]
D[15]
H
J
PA[3]
PA[1]
VSSIO
PA[2]
PA[0]
TXD[1]
CTS
VSSRTC
VSSRTC
A[17]/
DRA[10]
A[16]/
DRA[11]
A[15]/
DRA[12]
A[14]/
DRA[13]
nTRST
D[16]
D[17]
J
K LEDDRV
PHDIN
VSSIO
DCD
nTEST[1]
EINT[3]
VSSRTC
ADCIN
COL[4]
TCLK
D[20]
D[19]
D[18]
VSSIO
VDDIO
VDDIO
K
L
RXD[1]
DSR
VDDIO
nEINT[1]
PE[2]/
CLKSEL
VSSRTC
PD[0]/
LEDFLSH
VSSRTC
COL[6]
D[31]
VSSRTC
A[22]/
DRA[5]
A[21]/
DRA[6]
VSSIO
A[18]/
DRA[9]
A[19]/
DRA[8]
L
M nTEST[0]
nEINT[2]
VDDIO
PE[0]/
BOOTSEL[0]
TMS
VDDIO
SSITXFR
DRIVE[1]
FB[0]
COL[0]
D[27]
VSSIO
A[23]/
DRA[4]
VDDIO
A[20]/
DRA[7]
D[21]
M
NnEXTFIQ
PE[1]/
BOOTSEL[1]
VSSIO
VDDIO
PD[5]
PD[2]
SSIRXDA
ADCCLK
SMPCLK
COL[2]
D[29]
D[26]
HALFWORD
VSSIO
D[22]
D[23]
N
P VSSRTC
RTCOUT
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO
VSSIO
D[24]
VDDIO
P
R
RTCIN
VDDIO
PD[4]
PD[1]
SSITXDA
nADCCS
VDDIO
ADCOUT
COL[7]
COL[3]
COL[1]
D[30]
A[27]/
DRA[0]
A[25]/
DRA[2]
VDDIO
A[24]\
DRA[3]
R
T VDDRTC
PD[7]/
SDQM[1]
PD[6]/
SDQM[0]
PD[3]
SSICLK
SSIRXFR VDDCORE DRIVE[0]
FB[1]
COL[5]
VDDIO
BUZ
D[28]
A[26]/
DRA[1]
D[25]
VSSIO
T
Table 21. 204-Ball TFBGA Ball Listing (Continued)
Ball Location
Name
Strength
†
Reset
State
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com