Electronic Components Datasheet Search
  English  ▼

X  

LM2636 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2636
Description  5-Bit Programmable Synchronous Buck Regulator Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2636 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2636 Datasheet HTML 1Page - National Semiconductor (TI) LM2636 Datasheet HTML 2Page - National Semiconductor (TI) LM2636 Datasheet HTML 3Page - National Semiconductor (TI) LM2636 Datasheet HTML 4Page - National Semiconductor (TI) LM2636 Datasheet HTML 5Page - National Semiconductor (TI) LM2636 Datasheet HTML 6Page - National Semiconductor (TI) LM2636 Datasheet HTML 7Page - National Semiconductor (TI) LM2636 Datasheet HTML 8Page - National Semiconductor (TI) LM2636 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(All voltages are referenced to the PGND and SGND pins.)
V
CC
7V
BOOTV
18V
Junction Temperature
150˚C
DC Power Dissipation (Note 2)
1.42W
Storage Temperature
−65˚C to +150˚C
Soldering Time, Temperature
Wave (4 seconds)
Infrared (10 seconds)
Vapor Phase (75 seconds)
260˚C
240˚C
219˚C
ESD Susceptibility (Note 3)
2 kV
Recommended Operating
Conditions (Note 1)
Supply Voltage Range (V
CC)
4.5V to 5.5V
Junction Temperature Range
0˚C to +125˚C
Electrical Characteristics
V
CC = 5V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA =
T
J = +25˚C. Limits appearing in boldface type apply over 0˚C to +70˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
BOOTV
FET Driver Supply
Voltage
18
V
V
DACOUT
5-Bit DAC Output
Voltage
VID4:0=01111
1.284
1.304
1.324
V
VID4:0=01101
1.385
1.406
1.427
VID4:0=01011
1.483
1.506
1.529
VID4:0=01001
1.585
1.609
1.633
VID4:0=00111
1.683
1.709
1.735
VID4:0=00101
1.784
1.811
1.838
VID4:0=00001
1.983
2.013
2.043
VID4:0=11101
2.173
2.206
2.239
VID4:0=11010
2.471
2.509
2.547
VID4:0=10111
2.768
2.81
2.852
∆V
OUT
DC Load Regulation
I
OUT=0 to 14A Figure 2
−5
mV
DC Line Regulation
V
IN=4.75V to 5.25V Figure 2
1
G
EA
Error Amplifier DC Gain
85
dB
SR
EA
Error Amplifier Slew
Rate
6
V/µs
BW
EA
Error Amplifier Unity
Gain Bandwidth
5
MHz
I
Q_VCC
Operating V
CC Current
OUTEN=V
CC=5V, VID=10111
1.5
2.5
4
mA
Shutdown V
CC Current
OUTEN Floating, VID0:4 Floating
1
1.5
3
I
Q_BOOTV
BOOTV Pin Quiescent
Current
BOOTV=12V, OUTEN=0, VID0:4
Floating
4µA
D
MAX
Maximum Duty Cycle
90
%
D
MIN
Minimum Duty Cycle
0
%
R
SENSE
SENSE Pin Resistance
to Ground
7
11.5
16
k
Ω
R
DS_SRC
FET Driver
Drain-Source ON
Resistance when
Sourcing Current
BOOTV=5V
7
Ω
R
DS_SINK
FET Driver
Drain-Source ON
Resistance when
Sinking Current
(Independent of BOOTV Voltage)
1.7
Ω
f
OSC
Oscillator Frequency
R
FA =84kΩ
250
300
350
kHz
R
FA =22kΩ
1000
R
FA = 10.5 kΩ
2000
I
MAX
IMAX Pin Sink Current
V
IMAX = 5V, VIFB = 6V, VCC =5V
130
180
230
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com