Electronic Components Datasheet Search
  English  ▼

X  

LM2636 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2636
Description  5-Bit Programmable Synchronous Buck Regulator Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2636 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2636 Datasheet HTML 6Page - National Semiconductor (TI) LM2636 Datasheet HTML 7Page - National Semiconductor (TI) LM2636 Datasheet HTML 8Page - National Semiconductor (TI) LM2636 Datasheet HTML 9Page - National Semiconductor (TI) LM2636 Datasheet HTML 10Page - National Semiconductor (TI) LM2636 Datasheet HTML 11Page - National Semiconductor (TI) LM2636 Datasheet HTML 12Page - National Semiconductor (TI) LM2636 Datasheet HTML 13Page - National Semiconductor (TI) LM2636 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information (Continued)
sient. In the case of Pentium II power supply, fast recovery of
the load voltage from transient window back to the steady
state window is considered important. This limits the highest
inductance value that can be used. The lowest inductance
value is limited by the highest switching frequency that can
be practically employed. As the switching frequency in-
creases, the switching loss in the MOSFETs tends to in-
crease, resulting in less converter efficiency and larger heat
sinks. A good switching frequency is probably a frequency
under which the MOSFET conduction loss is higher than the
switching loss because the cost of the MOSFET is directly
related to its R
DSON. The inductor size can be determined by
the following equation:
where V
O_RIP is the peak-to-peak output ripple voltage, f is
the switching frequency. For commonly used low R
DSON
MOSFETs, a reasonable switching frequency is 300 kHz. As-
sume an output peak-peak ripple voltage of 18 mV is to be
guaranteed, the total output capacitor ESR is 9 m
Ω, the input
voltage is 5V, and output voltage is 2.8V. The inductance
value according to the above equation will then be 2 µH. The
highest slew rate of the inductor current when the load
changes from no load to full load can be determined as fol-
lows:
where D
MAX is the maximum allowed duty cycle, which is
around 0.9 for LM2636. For a load transient from 0A to 14A,
the highest current slew rate of the inductor, according to the
above equation, is 0.85A/µs, and therefore the shortest pos-
sible total recovery time is 14A/(0.85A/µs) = 16.5 µs. Notice
that the output voltage starts to recover whenever the induc-
tor starts to supply current.
The highest slew rate of the inductor current when the load
changes from full load to no load can be determined from the
same equation, but use D
MIN instead of DMAX.
Since the D
MIN of LM2636 at 300 kHz is 0%, the slew rate is
therefore −1.4A/µs. So the approximate total recovery time
will be 14A/(1.4A/µs) = 10 µs.
The input inductor is for limiting the input current slew rate
during a load transient. In the case that low ESR aluminum
electrolytic capacitors are used for the input capacitor bank,
voltage change due to capacitor charging/discharging is usu-
ally negligible for the first 20 µs. ESR is by far the dominant
factor in determining the amount of capacitor voltage
undershoot/overshoot due to load transient. So the worst
case is when the load changes between no load and full
load, under which condition the input inductor sees the high-
est voltage change across the input capacitors. Assume the
input capacitor bank is made up of three 16MV820GX, i.e.,
the total ESR is 15 m
Ω. Whenever there is a sudden load
current change, it has to initially be supported by the input
capacitor bank instead of the input inductor. So for a full load
swing between 0A and 14A, the voltage seen by the input in-
ductor is
∆V=14A x15mΩ = 210 mV. Use the following
equation to determine the minimum inductance value:
where (di/dt)
MAX is the maximum allowable input current
slew rate, which is 0.1A/µs in the case of the Pentium II
power supply. So the input inductor size, according to the
above equation, should be 2.1 µH.
DYNAMIC POSITIONING OF LOAD VOLTAGE
Since the Intel VRM specifications have defined two operat-
ing windows for the MPU core voltage, one being the steady
state window and the other the transient window, it is a good
idea to dynamically position the steady state output voltage
in the steady state window with respect to load current level
so that the output voltage has more headroom for load tran-
sient response. This requires information about the load cur-
rent. There are at least two simple ways to implement this
idea with LM2636. One is to utilize the output inductor DC re-
sistance, see
Figure 7. The average voltage across the out-
put inductor is actually that across its DC resistance. That
average voltage is proportional to load current.
Since the switching node voltage V
A bounces between the
input voltage and ground at the switching frequency, it is im-
possible to choose point A as the feedback point, otherwise
the dynamic performance will suffer and the system may
have some noise problems. Using a low pass filter network
around the inductor, such as the one shown in the figure,
seems to be a good idea. The feedback point is C.
Since at the switching frequency the impedance of the 0.1
µF is much less than 5 k
Ω, the bouncing voltage at point A
will be mainly applied across the resistor 5 k
Ω, and point C
will be much quieter than A. However, V
CB average is still the
majority of V
AB average, because of the resistor divider. So
in steady state V
C =IO xrL +VCORE, where rL is the inductor
DC resistance. So at no load, output voltage is equal to V
C,
and at full load, output voltage is I
O xrL lower than VC. To fur-
ther utilize the steady state window, a resistor can be con-
nected between the FB pin and ground to increase the no
load output voltage to close to the upper limit of the window.
DS100834-26
FIGURE 7. Dynamic Voltage Positioning by Utilizing
Output Inductor DC Resistance
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com