Electronic Components Datasheet Search
  English  ▼

X  

LM2636 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2636
Description  5-Bit Programmable Synchronous Buck Regulator Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2636 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2636 Datasheet HTML 1Page - National Semiconductor (TI) LM2636 Datasheet HTML 2Page - National Semiconductor (TI) LM2636 Datasheet HTML 3Page - National Semiconductor (TI) LM2636 Datasheet HTML 4Page - National Semiconductor (TI) LM2636 Datasheet HTML 5Page - National Semiconductor (TI) LM2636 Datasheet HTML 6Page - National Semiconductor (TI) LM2636 Datasheet HTML 7Page - National Semiconductor (TI) LM2636 Datasheet HTML 8Page - National Semiconductor (TI) LM2636 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2636
5-Bit Programmable Synchronous Buck Regulator
Controller
General Description
The LM2636 is a high speed controller designed specifically
for use in synchronous DC/DC buck converters for advance
d microprocessors. A 5-bit DAC accepts the VID code di-
rectly from the CPU and adjusts the output voltage from 1.3V
to 3.5V. It provides the power good, over-voltage protection,
and output enable features as required by Intel VRM speci-
fications. Current limiting is achieved by monitoring the volt-
age drop across the r
DS_ON of the high side MOSFET, which
eliminates an expensive current sense resistor.
The LM2636 employs a fixed-frequency voltage mode PWM
architecture. To provide a faster response to a large and fast
load transient, two ultra-fast comparators are built in to moni-
tor the output voltage and override the primary control loop
when necessary. The PWM frequency is adjustable from 50
kHz to 1 MHz through an external resistor. The wide range of
PWM frequency gives the power supply designer the flexibil-
ity to make trade-offs between load transient response per-
formance, MOSFET cost and the overall efficiency. The
adaptive non-overlapping MOSFET gate drivers help avoid
any potential shoot-through problem while maintaining high
efficiency. BiCMOS gate drivers with rail-to-rail swing ensure
that no spurious turn-on occur. When only 5V is available, a
bootstrap structure can be employed to accommodate an
NMOS high side switch. The precision reference trimmed to
2.5% over temperature is available externally for use by
other regulators. Dynamic positioning of load voltage, which
helps cut the number of output capacitors, can also be imple-
mented easily.
Features
n 1.3V to 3.5V 5-bit programmable output voltage
n Synchronous rectification
n Power Good flag and output enable
n Over-voltage protection
n Initial Output Accuracy: 1.5% over temperature
n Current limit without external sense resistor
n Adaptive non-overlapping MOSFET gate drives
n Adjustable switching frequency: 50 kHz to 1 MHz
n Dynamic output voltage positioning
n 1.256V reference voltage available externally
n Plastic SO-20 package and TSSOP-20 package
Applications
n Motherboard power supply/VRM for Cyrix Gxm, Cyrix
Gxi, Cyrix MII, Pentium™ II, Pentium Pro, 6x86 and K6
processors
n 5V to 1.3V–3.5V high current power supplies
Typical Application
Pentium™ is a trademark of Intel Corporation.
DS100834-1
FIGURE 1. 5V to 1.3V–3.5V, 14A Power Supply
October 1999
© 1999 National Semiconductor Corporation
DS100834
www.national.com


Similar Part No. - LM2636

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2630MTC-ADJ NSC-LM2630MTC-ADJ Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
LM2631MTC-ADJ NSC-LM2631MTC-ADJ Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2636

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
Texas Instruments
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Linear Technology
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com