Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704DB Datasheet(HTML) 4 Page - Texas Instruments

  PCM2704DB Datasheet HTML 1Page - Texas Instruments PCM2704DB Datasheet HTML 2Page - Texas Instruments PCM2704DB Datasheet HTML 3Page - Texas Instruments PCM2704DB Datasheet HTML 4Page - Texas Instruments PCM2704DB Datasheet HTML 5Page - Texas Instruments PCM2704DB Datasheet HTML 6Page - Texas Instruments PCM2704DB Datasheet HTML 7Page - Texas Instruments PCM2704DB Datasheet HTML 8Page - Texas Instruments PCM2704DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (CONTINUED)
all specifications at TA = 25°C, VBUS = 5 V, fS = 44.1 kHz, fIN = 1 kHz,16-bit data, unless otherwise noted
PARAMETER
TEST CONDITIONS
PCM2704DB, PCM2705DB,
PCM2706PJT, PCM2707PJT
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Output voltage
0.55 VCCL, 0.55 VCCR
Vp-p
Center voltage
0.5 VCCP
V
Load impedance
Line
AC coupling
10
k
Ω
Load impedance
Headphone
AC coupling
16
32
Ω
LPF frequency
–3 dB
140
kHz
LPF frequency
response
f = 20 kHz
–0.1
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.454 fs
Hz
Stop band
0.546 fs
Hz
Pass-band ripple
±0.04
dB
Stop-band attenuation
–50
dB
Delay time
20/fs
s
POWER SUPPLY REQUIREMENTS
Voltage range
VBUS
Bus-powered
4.35
5
5.25
VDC
Voltage range
VCCP, VCCL, VCCR, VDD
Self-powered
3
3.3
3.6
VDC
Line
DAC operation
23
30
mA
Supply current
Headphone
DAC operation (RL = 32 Ω)
35
46
mA
Supply current
Line/headphone
Suspend mode (1)
150
190
µA
Power dissipation
Line
DAC operation
76
108
mW
Power dissipation
(self-powered)
Headphone
DAC operation (RL = 32 Ω)
116
166
mW
(self-powered)
Line/headphone
Suspend mode (1)
495
684
µW
Power dissipation
Line
DAC operation
115
158
mW
Power dissipation
(bus-powered)
Headphone
DAC operation (RL = 32 Ω)
175
242
mW
(bus-powered)
Line/headphone
Suspend mode (1)
750
998
µW
Internal power
supply voltage (2)
VCCP, VCCL, VCCR, VDD
Bus-powered
3.2
3.35
3.5
VDC
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θJA
Thermal resistance
28-pin SSOP (PCM2704/5)
100
°C/W
θJA
Thermal resistance
32-pin TQFP (PCM2706/7)
80
°C/W
(1) Under USB suspend state.
(2) VDD, VCCP, VCCL, VCCR. These pins work as output pins of internal power supply for bus-powered operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com