Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704DB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 14Page - Texas Instruments PCM2704DB Datasheet HTML 15Page - Texas Instruments PCM2704DB Datasheet HTML 16Page - Texas Instruments PCM2704DB Datasheet HTML 17Page - Texas Instruments PCM2704DB Datasheet HTML 18Page - Texas Instruments PCM2704DB Datasheet HTML 19Page - Texas Instruments PCM2704DB Datasheet HTML 20Page - Texas Instruments PCM2704DB Datasheet HTML 21Page - Texas Instruments PCM2704DB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
18
Interface #1 (Isochronous-Out Interface)
Interface #1 is for the audio-streaming data-out interface. Interface #1 has the following three alternative settings.
Alternative setting #0 is the zero-bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
SETTING
DATA FORMAT
TRANSFER
MODE
SAMPLING RATE
(kHz)
00
Zero bandwidth
01
16-bit
stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
02
16-bit
mono
2s complement (PCM)
Adaptive
32, 44.1, 48
Interface #2 (HID Interface)
Interface #2 is the interrupt-data-in interface. Interface #2 comprises the HID consumer control device. Alternative
setting #0 is the only possible setting for interface #2.
On the HID device descriptor, eight HID items are reported as follows for any model, in any configuration.
Basic HID operation
Interface #2 can report the following three key statuses for any model. These statuses can be set by the HID0–HID2
pins (PCM2704/6) or the SPI port (PCM2705/7).
D Mute (0xE2)
D Volume up (0xE9)
D Volume down (0xEA)
Extended HID operation (PCM2705/6/7)
By using the FUNC0–FUNC3 pins (PCM2706) or the SPI port (PCM2705/7), the following additional conditions can
be reported to the host.
D Play/Pause (0xCD)
D Stop (0xB7)
D Previous (0xB6)
D Next (0xB5)
Auxiliary HID status report (PCM2705/7)
One additional HID status can be reported to the host though the SPI port. This status flag is defined by SPI command
or external ROM. This definition must be described as on the report descriptor with a three-byte usage ID. AL A/V
Capture (0x0193) is assigned as the default for this status flag.
Endpoints
The PCM2704/5/6/7 has three endpoints as follows.
D Control endpoint (EP #0)
D Isochronous-out audio data-stream endpoint (EP #2)
D HID endpoint (EP #5)
The control endpoint is a default endpoint. The control endpoint is used to control all functions of the PCM2704/5/6/7
by standard USB request and USB audio-class-specific request from the host. The isochronous-out audio data
stream endpoint is an audio sink endpoint, which receives the PCM audio data. The isochronous-out audio data
stream endpoint accepts the adaptive transfer mode. The HID endpoint is an interrupt-in endpoint. The HID endpoint
reports HID status every 10 ms.
The HID endpoint is defined as a consumer control device. The HID function is designed as an independent endpoint
from the isochronous-out endpoint. This means that the effect of HID operation depends on host software. Typically,
the HID function is used to control the primary audio-out device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com