Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704DB Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 11Page - Texas Instruments PCM2704DB Datasheet HTML 12Page - Texas Instruments PCM2704DB Datasheet HTML 13Page - Texas Instruments PCM2704DB Datasheet HTML 14Page - Texas Instruments PCM2704DB Datasheet HTML 15Page - Texas Instruments PCM2704DB Datasheet HTML 16Page - Texas Instruments PCM2704DB Datasheet HTML 17Page - Texas Instruments PCM2704DB Datasheet HTML 18Page - Texas Instruments PCM2704DB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
15
DETAILED DESCRIPTION
CLOCK AND RESET
For both USB function and audio function, the PCM2704/5/6/7 requires a 12-MHz (
±500 ppm) clock, which can be
generated by the built-in oscillator using a 12-MHz crystal resonator. The 12-MHz crystal resonator must be
connected to XTI (pin 28 for PCM2704/5, pin 12 for PCM2706/7) and XTO (pin 1 for PCM2704/5, pin 13 for
PCM2706/7) with one large (1-M
Ω) resistor and two small capacitors, the capacitance of which depends on the
specified load capacitance of the crystal resonator. An external clock can be supplied from XTI (pin 28 for
PCM2704/5, pin 12 for PCM2706/7). If an external clock is supplied, XTO (pin 1 for PCM2704/5, pin 13 for
PCM2706/7) must be left open. Because no clock disabling pin is provided, it is not recommended to use the external
clock supply. SSPND (pin 27 for PCM2704/5, pin 11 for PCM2706/7) is unable to use clock disabling.
The PCM2704/5/6/7 has an internal power-on reset circuit, and it works automatically when VDD (pin 7 for
PCM2704/5, pin 21 for PCM2706/7) exceeds 2 V typical (1.6 V–2.4 V), which is equivalent to VBUS (pin 10 for
PCM2704/5, pin 24 for PCM2706/7) exceeding 3 V typical for bus-powered applications. About 700
µs is required
until internal reset release.
OPERATION MODE SELECTION
The PCM2704/5/6/7 has the following mode-select pins.
Power Configuration Select/Host Detection
PSEL (pin 4 for PCM2704/5, pin 16 for PCM2706/7) is dedicated to selecting the power source. This selection affects
the configuration descriptor. While in bus-powered operation, maximum power consumption from the VBUS is
determined by HOST (pin 21 for PCM2704/5, pin 3 for PCM2706/7). For self-powered operation, HOST must be
connected to VBUS of the USB bus with a pulldown resistor to detect attach and detach. (To avoid excessive suspend
current, the pulldown should be a high-value resistor.)
Table 1. Power Configuration Select
PSEL
DESCRIPTION
0
Self-powered
1
Bus-powered
HOST
DESCRIPTION
0
Detached from USB (self-powered)/100 mA (bus-powered)
1
Attached to USB (self-powered)/500 mA (bus-powered)
Function Select (PCM2706/7)
FSEL (pin 9) determines the function of FUNC0–FUNC3 (pins 4, 5, 18, and 19) and DOUT (pin17). When the I2S
interface is required, FSEL must be set to LOW. Otherwise, FSEL must be set to HIGH.
Table 2. Function Select
FSEL
DOUT
FUNC0
FUNC1
FUNC2
FUNC3
0
Data out (I2S)
LRCK (I2S)
BCK (I2S)
SYSCK (I2S)
Data in (I2S)
1
S/PDIF data
Next track (HID) (1)
Previous track (HID) (1)
Stop (HID) (1)
Play/pause (HID) (1)
(1) Valid on the PCM2706; no function assigned on the PCM2707.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com