Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDF OUTPUT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2704DB Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 20Page - Texas Instruments PCM2704DB Datasheet HTML 21Page - Texas Instruments PCM2704DB Datasheet HTML 22Page - Texas Instruments PCM2704DB Datasheet HTML 23Page - Texas Instruments PCM2704DB Datasheet HTML 24Page - Texas Instruments PCM2704DB Datasheet HTML 25Page - Texas Instruments PCM2704DB Datasheet HTML 26Page - Texas Instruments PCM2704DB Datasheet HTML 27Page - Texas Instruments PCM2704DB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
PCM2704,PCM2705
PCM2706,PCM2707
SLES081A − JUNE 2003 – REVISED MAY 2004
www.ti.com
24
MC
MS
MD
16-Bits
(1) Single Write Operation
MSB
LSB
MSB
(2) Continuous Write Operation
MSB
LSB
MSB
LSB
MSB
LSB
16-Bits x N Frames
MC
MS
MD
N Frames
Figure 27. SPI Write Operation
SPI REGISTER (PCM2705/7)
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
ST
0
ADDR
0
D0
D1
D2
D3
D4
D5
D6
D7
D[7:0]
Function of the lower 8 bits depends on the value of the ST (B11) bit.
ST = 0 (HID status write)
D7
Reports MUTE HID status to the host (active high)
D6
Reports volume-up HID status to the host (active high)
D5
Reports volume-down HID status to the host (active high)
D4
Reports next-track HID status to the host (active high)
D3
Reports previous-track HID status to the host (active high)
D2
Reports stop HID status to the host (active high)
D1
Reports play/pause HID status to the host (active high)
D0
Reports extended command status to the host (active high)
ST = 1 (ROM data write)
D[7:0] Internal descriptor ROM data
ADDR
Starts write operation for internal descriptor reprogramming (active high)
456 bits of ROM data, (described in the External ROM Example section) must be provided when this bit is asserted.
To set ADDR high, ST must be set low. Note that the lower 8 bits are still active when ST is set low.
ST
Determines the function of the lower 8-bit data as follows
0: HID status write
1: Descriptor ROM data write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com