Electronic Components Datasheet Search
  English  ▼

X  

TPS79601 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS79601
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79601 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS79601 Datasheet HTML 4Page - Texas Instruments TPS79601 Datasheet HTML 5Page - Texas Instruments TPS79601 Datasheet HTML 6Page - Texas Instruments TPS79601 Datasheet HTML 7Page - Texas Instruments TPS79601 Datasheet HTML 8Page - Texas Instruments TPS79601 Datasheet HTML 9Page - Texas Instruments TPS79601 Datasheet HTML 10Page - Texas Instruments TPS79601 Datasheet HTML 11Page - Texas Instruments TPS79601 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
0
50
100
150
200
250
300
350
0 100 200 300 400 500 600 700 800 9001000
IOUT (mA)
TJ = 125°C
TJ = −40°C
TJ = 25°C
0
50
100
150
200
250
300
2.5
3.0
3.5
4.0
4.5
5.0
VIN (V)
TJ = 125°C
TJ = −40°C
TJ = 25°C
IOUT = 1 A
COUT = 10 µF
CNR = 0.01 µF
200
µs/Div
4.0
3.5
2.5
0.5
0
3.0
1.0
1.5
2.0
3
2
1
0
4
5
6
7
8
9
10
VOUT = 2.5 V
RL = 10 Ω
CNR = 0.01 µF
VIN
VOUT
IOUT (mA)
100
10
1
0.1
0.01
COUT = 10.0 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
IOUT (mA)
Region of
Instability
100
10
1
0.1
0.01
COUT = 1 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
IOUT (mA)
100
10
1
0.1
0.01
COUT = 2.2 µF
Region of Stability
10
1
500 750 1000
60
30
250
125
Region of
Instability
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
TYPICAL CHARACTERISTICS (continued)
TPS79630
TPS79601
DROPOUT VOLTAGE
DROPOUT VOLTAGE
TPS79625
vs
vs
POWER UP/POWER DOWN
OUTPUT CURRENT
INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
TPS79630
TPS79630
TPS79630
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
(ESR)
(ESR)
(ESR)
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 19.
Figure 20.
Figure 21.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com