Electronic Components Datasheet Search
  English  ▼

X  

TPS79601 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS79601
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79601 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS79601 Datasheet HTML 9Page - Texas Instruments TPS79601 Datasheet HTML 10Page - Texas Instruments TPS79601 Datasheet HTML 11Page - Texas Instruments TPS79601 Datasheet HTML 12Page - Texas Instruments TPS79601 Datasheet HTML 13Page - Texas Instruments TPS79601 Datasheet HTML 14Page - Texas Instruments TPS79601 Datasheet HTML 15Page - Texas Instruments TPS79601 Datasheet HTML 16Page - Texas Instruments TPS79601 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.ti.com
0
100
120
140
160
180
PCB Copper Area − in2
No Air Flow
80
60
40
20
0.1
1
10
1
2
3
4
5
0.1
1
10
100
Copper Heatsink Area − cm2
TA = 55°C
No Air Flow
150 LFM
250 LFM
SOT223 Power Dissipation
P
Dmax +
(3.3 * 2.5) V x 1 A + 800 mW
(10)
RθJAmax + (125 * 55)°C 800 mW + 87.5°C W
0
1
2
3
6
0
25
50
75
100
150
125
TA = 25°C
TA (°C)
4
5
4 in2 PCB Area
0.5 in2 PCB Area
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
Figure 28. SOT223 Thermal Resistance vs PCB
Figure 27. Maximum Power Dissipation vs Copper
Area
Heatsink Area
From
the
data
in
Figure
28
and
rearranging
Equation 6, the maximum power dissipation for a
different ground plane area and a specific ambient
The SOT223 package provides an effective means of
temperature can be computed (see Figure 29).
managing power dissipation in surface mount appli-
cations. The SOT223 package dimensions are pro-
vided in the Mechanical Data section at the end of
the data sheet. The addition of a copper plane
directly underneath the SOT223 package enhances
the thermal performance of the package.
To illustrate, the TPS72525 in a SOT223 package
was chosen. For this example, the average input
voltage is 3.3 V, the output voltage is 2.5 V, the
average output current is 1 A, the ambient tempera-
ture 55
°C, no air flow is present, and the operating
environment is the same as documented below.
Neglecting the quiescent current, the maximum aver-
age power is calculated as Equation 10:
Substituting TJmax for TJ into Equation 6 gives
Equation 11:
(11)
From Figure 28, RΘJA vs PCB Copper Area, the
Figure 29. SOT223 Power Dissipation
ground plane needs to be 0.55 in
2 for the part to
dissipate 800 mW. The operating environment used
to construct Figure 28 consisted of a board with 1 oz.
copper planes. The package is soldered to a 1 oz.
copper pad on the top of the board. The pad is tied
through thermal vias to the 1 oz. ground plane.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com