Electronic Components Datasheet Search
  English  ▼

X  

TPS79601 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79601
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79601 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79601 Datasheet HTML 1Page - Texas Instruments TPS79601 Datasheet HTML 2Page - Texas Instruments TPS79601 Datasheet HTML 3Page - Texas Instruments TPS79601 Datasheet HTML 4Page - Texas Instruments TPS79601 Datasheet HTML 5Page - Texas Instruments TPS79601 Datasheet HTML 6Page - Texas Instruments TPS79601 Datasheet HTML 7Page - Texas Instruments TPS79601 Datasheet HTML 8Page - Texas Instruments TPS79601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
KTT (DDPAK) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUT
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
TPS79630
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
TPS79630
RIPPLE REJECTION
vs
FREQUENCY
IOUT = 1 A
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
10
100
100k
1M
EN
NC
GND
NR
8
7
6
5
IN
IN
OUT
OUT
1
2
3
4
DRB PACKAGE
3 x 3 SON
(TOP VIEW)
NR/FB
1
2
3
4
5
DCQ PACKAGE
SOT223-6
(TOP VIEW)
NR/FB
OUT
GND
IN
EN
6
GND
TPS79601, TPS79618, TPS79625
TPS79628, TPS79630, TPS79633
SLVS351D – SEPTEMBER 2002 – REVISED OCTOBER 2004
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A
LOW-DROPOUT LINEAR REGULATORS
•
1-A Low-Dropout Regulator With Enable
The
TPS796xx
family
of
low-dropout
(LDO)
low-power linear voltage regulators features high
•
Available in 1.8-V, 2.5-V, 2.8-V, 3-V, 3.3-V, and
power supply rejection ratio (PSRR), ultralow-noise,
Adjustable (1.2-V to 5.5-V)
fast start-up, and excellent line and load transient
•
High PSRR (53 dB at 10 kHz)
responses in small outline, 3 x 3 SON, SOT223-6,
•
Ultralow-Noise (40 µVRMS, TPS79630)
and 5-pin DDPAK packages. Each device in the
family is stable with a small 1-µF ceramic capacitor
•
Fast Start-Up Time (50 µs)
on the output. The family uses an advanced, pro-
•
Stable With a 1-µF Ceramic Capacitor
prietary BiCMOS fabrication process to yield ex-
•
Excellent Load/Line Transient Response
tremely low dropout voltages (e.g., 250 mV at 1 A).
Each
device
achieves
fast
start-up
times
•
Very Low Dropout Voltage (250 mV at Full
(approximately 50 µs with a 0.001-µF bypass capaci-
Load, TPS79630)
tor) while consuming very low quiescent current
•
3 x 3 SON, 6-Pin SOT223-6, and
(265 µA typical). Moreover, when the device is placed
5-Pin DDPAK Packages
in standby mode, the supply current is reduced to
less than 1 µA. The TPS79630 exhibits approximately
40 µVRMS of output voltage noise at 3.0-V output, with
•
RF: VCOs, Receivers, ADCs
a 0.1-µF bypass capacitor. Applications with analog
components that are noise sensitive, such as portable
•
Audio
RF electronics, benefit from the high PSRR, low
•
Bluetooth™, Wireless LAN
noise features, and the fast response time.
•
Cellular and Cordless Telephones
•
Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79601 TI1-TPS79601 Datasheet
1Mb / 12P
Power Management Solutions for Xilinx and Altera FPGAs
TPS79601DCQ TI-TPS79601DCQ Datasheet
997Kb / 33P
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79601DCQ TI1-TPS79601DCQ Datasheet
1Mb / 30P
Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DCQ TI2-TPS79601DCQ Datasheet
3Mb / 50P
TPS796 Ultra-Low-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulator
REVISED JUNE 2025
TPS79601DCQ TI2-TPS79601DCQ Datasheet
3Mb / 50P
TPS796 Ultra-Low-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulator
REVISED JANUARY 2026
More results

Similar Description - TPS79601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI-TPS796_15 Datasheet
1Mb / 39P
TPS796xx Ultralow-Noise, High PSRR, Fast, RF, 1-A Low-Dropout Linear Regulators
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com