Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2642 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2642 Datasheet HTML 1Page - National Semiconductor (TI) LM2642 Datasheet HTML 2Page - National Semiconductor (TI) LM2642 Datasheet HTML 3Page - National Semiconductor (TI) LM2642 Datasheet HTML 4Page - National Semiconductor (TI) LM2642 Datasheet HTML 5Page - National Semiconductor (TI) LM2642 Datasheet HTML 6Page - National Semiconductor (TI) LM2642 Datasheet HTML 7Page - National Semiconductor (TI) LM2642 Datasheet HTML 8Page - National Semiconductor (TI) LM2642 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions (Continued)
SW2 (Pin 16): Switch-node connection for Channel 2, which
is connected to the source of the top MOSFET of Channel 2.
It serves as the negative supply rail for the top-side gate
driver, HDRV2.
HDRV2 (Pin 17): Top-side gate-drive output for Channel 2.
HDRV is a floating drive output that rides on the correspond-
ing switching-node voltage.
CBOOT2 (Pin 18): Bootstrap capacitor connection. It serves
as the positive supply rail for the Channel 2 top-side gate
drive. Connect this pin to VDD2 (Pin 19) through a diode,
and connect the low side of the bootstrap capacitor to SW2
(Pin16).
VDD2 (Pin 19): The supply rail for the Channel 2 low-side
gate drive. Connected to VLIN5 (Pin 7) through a 4.7
Ω
resistor and bypassed to power ground with a ceramic ca-
pacitor of at least 1µF. Tie this pin to VDD1 (Pin 24).
LDRV2 (Pin 20): Low-side gate-drive output for Channel 2.
PGND (Pin 21): The power ground connection for both
channels. Connect to the ground rail of the system.
VIN (Pin 22): The power input pin for the chip. Connect to
the positive (+) input rail of the system. This pin must be
connected to the same voltage rail as the top FET drain (or
the current sense resistor when used).
LDRV1 (Pin 23): Low-side gate-drive output for Channel 1.
VDD1 (Pin 24): The supply rail for Channel 1 low-side gate
drive. Tie this pin to VDD2 (Pin 19).
CBOOT1 (Pin 25): : Bootstrap capacitor connection. It
serves as the positive supply rail for Channel 1 top-side gate
drive. See CBOOT2 (Pin 18).
HDRV1 (Pin 26): Top-side gate-drive output for Channel 1.
See HDRV2 (Pin 17).
SW1 (Pin 27): Switch-node connection for Channel 1. See
SW2 (Pin16).
RSNS1 (Pin 28): The negative (-) Kelvin sense for the
internal current sense amplifier of Channel 1. See RSNS2
(Pin 15).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com