Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2642 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2642 Datasheet HTML 1Page - National Semiconductor (TI) LM2642 Datasheet HTML 2Page - National Semiconductor (TI) LM2642 Datasheet HTML 3Page - National Semiconductor (TI) LM2642 Datasheet HTML 4Page - National Semiconductor (TI) LM2642 Datasheet HTML 5Page - National Semiconductor (TI) LM2642 Datasheet HTML 6Page - National Semiconductor (TI) LM2642 Datasheet HTML 7Page - National Semiconductor (TI) LM2642 Datasheet HTML 8Page - National Semiconductor (TI) LM2642 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagram
TOP VIEW
20046202
28-Lead TSSOP (MTC)
Order Number LM2642MTC
See NS Package Number MTC28
Pin Descriptions
KS1 (Pin 1): The positive (+) Kelvin sense for the internal
current sense amplifier of Channel 1. Use a separate trace to
connect this pin to the current sense point. It should be
connected to VIN as close as possible to the node of the
current sense resistor. When no current-sense resistor is
used, connect as close as possible to the drain node of the
upper MOSFET.
ILIM1 (Pin 2): Current limit threshold setting for Channel 1. It
sinks a constant current of 10 µA, which is converted to a
voltage across a resistor connected from this pin to VIN. The
voltage across the resistor is compared with either the VDS
of the top MOSFET or the voltage across the external cur-
rent sense resistor to determine if an over-current condition
has occurred in Channel 1.
COMP1 (Pin 3): Compensation pin for Channel 1. This is the
output of the internal transconductance amplifier. The com-
pensation network should be connected between this pin
and the signal ground, SGND (Pin 8).
FB1 (Pin 4): Feedback input for channel 1. Connect to
VOUT through a voltage divider to set the channel 1 output
voltage.
PGOOD1 (Pin 5): An open-drain power-good output for
Channel 1. It is ’LOW’ (low impedance to ground) whenever
the output voltage of Channel 1 falls outside of a +15% to
-9% window. PGOOD1 stays latched in a ’LOW’ state during
OVP or UVP on either channel. It will recover to a ’HIGH’
state (high impedance to ground) after a Channel 1 output
under-voltage event (<91%) when the output returns to
within 6% of its nominal value. See Operation Descriptions
for details.
UV_DELAY (Pin 6): A capacitor from this pin to ground sets
the delay time for UVP. The capacitor is charged from a 5µA
current source. When UV_DELAY charges to 2.3V (typical),
the system immediately latches off. Connecting this pin to
ground will disable the output under-voltage protection.
VLIN5 (Pin 7): The output of an internal 5V LDO regulator
derived from VIN. It supplies the internal bias for the chip and
supplies the bootstrap circuitry for gate drive. Bypass this pin
to signal ground with a minimum of 4.7µF capacitor.
SGND (Pin 8): The ground connection for the signal-level
circuitry. It should be connected to the ground rail of the
system.
ON/SS1 (Pin 9): Channel 1 enable pin. This pin is internally
pulled up to one diode drop above VLIN5. Pulling this pin
below 1.2V (open-collector type) turns off Channel 1. If both
ON/SS1 and ON/SS2 pins are pulled below 1.2V, the whole
chip goes into shut down mode. Adding a capacitor to this
pin provides a soft-start feature that minimizes inrush current
and output voltage overshoot.
ON/SS2 (Pin 10): Channel 2 enable pin. See the description
for Pin 9, ON/SS1. May be connected to ON/SS1 for simul-
taneous startup or for parallel operation.
FB2 (Pin 11): Feedback input for channel 2. Connect to
VOUT through a voltage divider to set the Channel 2 output
voltage.
COMP2 (Pin 12): Compensation pin for Channel 2. This is
the output of the internal transconductance amplifier. The
compensation network should be connected between this
pin and the signal ground SGND (Pin 8).
ILIM2 (Pin 13): Current limit threshold setting for Channel 2.
See ILIM1 (Pin 2).
KS2 (Pin 14): The positive (+) Kelvin sense for the internal
current sense amplifier of Channel 2. See KS1 (Pin 1).
RSNS2 (Pin 15): The negative (-) Kelvin sense for the
internal current sense amplifier of Channel 2. Connect this
pin to the low side of the current sense resistor that is placed
between VIN and the drain of the top MOSFET. When the
Rds of the top MOSFET is used for current sensing, connect
this pin to the source of the top MOSFET. Always use a
separate trace to form a Kelvin connection to this pin.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com