Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2642 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2642 Datasheet HTML 7Page - National Semiconductor (TI) LM2642 Datasheet HTML 8Page - National Semiconductor (TI) LM2642 Datasheet HTML 9Page - National Semiconductor (TI) LM2642 Datasheet HTML 10Page - National Semiconductor (TI) LM2642 Datasheet HTML 11Page - National Semiconductor (TI) LM2642 Datasheet HTML 12Page - National Semiconductor (TI) LM2642 Datasheet HTML 13Page - National Semiconductor (TI) LM2642 Datasheet HTML 14Page - National Semiconductor (TI) LM2642 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Characteristics (Continued)
Ch.2 Load Transient Response
3.3V
OUT, 12VIN
Load Transient Response
Parallel Operation 1.8V
OUT, 12VIN
20046229
20046228
Input Supply Current vs Temperature
(Shutdown Mode V
IN = 15V)
Input Supply Current vs V
IN
Shutdown Mode (25˚C)
20046224
20046225
VLIN5 vs Temperature
VLIN5 vs V
IN (25˚C)
20046226
20046227
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com