Electronic Components Datasheet Search
  English  ▼

X  

LM2642 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2642 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2642 Datasheet HTML 1Page - National Semiconductor (TI) LM2642 Datasheet HTML 2Page - National Semiconductor (TI) LM2642 Datasheet HTML 3Page - National Semiconductor (TI) LM2642 Datasheet HTML 4Page - National Semiconductor (TI) LM2642 Datasheet HTML 5Page - National Semiconductor (TI) LM2642 Datasheet HTML 6Page - National Semiconductor (TI) LM2642 Datasheet HTML 7Page - National Semiconductor (TI) LM2642 Datasheet HTML 8Page - National Semiconductor (TI) LM2642 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 15V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-20˚C to +125˚C, if not otherwise specified). Specifications appearing
in plain type are measured using low duty cycle pulse testing with T
A = 25˚C (Note 6), (Note 7). Min/Max limits are guaranteed
by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
sk_uvdelay
UV_DELAY Sink Current
UV-DELAY = 0.4V
0.2
0.48
1.2
mA
V
UVDelay
UV_DELAY Threshold
Voltage
2.3
V
V
UVP
FB1, FB2, Under
Voltage Protection Latch
Threshold
As a percentage of nominal output
voltage (falling edge)
75
80
86
%
Hysteresis
4%
V
OVP
V
OUT Overvoltage
Shutdown Latch
Threshold
As a percentage measured at V
FB1,
V
FB2
107
113
122
%
V
pwrbad
Regulator Window
Detector Thresholds
(PGOOD1 from High to
Low)
As a percentage of output voltage
86.5
90.3
94.5
%
V
pwrgd
Regulator Window
Detector Thresholds
(PGOOD1 from Low to
High)
91.5
94
97.0
%
S
wx_R
SW1, SW2
ON-Resistance
V
SW1 =VSW2 =2V
420
480
535
Ω
Gate Drive
I
CBOOT
CBOOTx Leakage
Current
V
CBOOT1 =VCBOOT2 =7V
10
nA
I
SC_DRV
HDRVx and LDRVx
Source Current
V
CBOOT1 =VCBOOT2 = 5V, VSWx=0V,
HDRVx=LDRVx=2.5V
0.5
A
I
sk_HDRV
HDRVx Sink Current
V
CBOOTx = VDDx = 5V, VSWx = 0V,
HDRVX = 2.5V
0.8
A
I
sk_LDRV
LDRVx Sink Current
V
CBOOTx = VDDx = 5V, VSWx = 0V,
LDRVX = 2.5V
1.1
A
R
HDRV
HDRV1 & 2 Source
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V,
V
SW1 =VSW2 =0V
3.1
Ω
HDRV1 & 2 Sink
On-Resistance
1.5
Ω
R
LDRV
LDRV1 & 2 Source
On-Resistance
V
CBOOT1 =VCBOOT2 = 5V,
V
SW1 =VSW2 =0V
V
DD1 =VDD1 =5V
3.1
Ω
LDRV1 & 2 Sink
On-Resistance
1.1
Ω
Oscillator
F
osc
Oscillator Frequency
260
300
340
kHz
-40˚C to 125˚C
257.5
340
Don_max
Maximum On-Duty Cycle
V
FB1 =VFB2 = 1V, Measured at pins
HDRV1 and HDRV2
96
98
%
-40˚C to 125˚C
95.64
T
on_min
Minimum On-Time
166
ns
SS
OT_delta
HDRV1 and HDRV2
Delta On Time
ON/SS1 = ON/SS2 = 2V
20
150
ns
Error Amplifier
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com