Electronic Components Datasheet Search
  English  ▼

X  

YSS915 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YSS915
Description  Karaoke Processor 2 for Video disc player
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS915 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YSS915 Datasheet HTML 9Page - YAMAHA CORPORATION YSS915 Datasheet HTML 10Page - YAMAHA CORPORATION YSS915 Datasheet HTML 11Page - YAMAHA CORPORATION YSS915 Datasheet HTML 12Page - YAMAHA CORPORATION YSS915 Datasheet HTML 13Page - YAMAHA CORPORATION YSS915 Datasheet HTML 14Page - YAMAHA CORPORATION YSS915 Datasheet HTML 15Page - YAMAHA CORPORATION YSS915 Datasheet HTML 16Page - YAMAHA CORPORATION YSS915 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
OPERATIONS OF FUNCTIONS
1. Karaoke program
Functions for processing the Karaoke audio signals are described here.
Function
Description
Control register
Coefficient register
Controllable
mode
De-emphasis
De-emphasizes audio input signal that has been emphasized.
Specifies a sampling frequency and on/off of de-emphasis.
OPR[1]
OPR[7:6]
N,E
Input Fader
Controls fade-in/out for audio input signal.
Specifies fade-in/out for each channel after setting fade time (See Note.)
VCR[1:0]
TMR[7:0]
N,E
Voice Cancel
Reduces mid-range signal of inputted audio signal that is located in the center of the sound field such vocal signal
generated by stereophonic CD.
Specifies voice cancel on/off after setting sampling frequency and fade time. (See Note.)
VCR[4]
TMR[7:0]
OPR[7:6]
N,E
Key Control
Changes key of inputted audio signal, and controls key shift for audio input signal. The amount of key shift must be
specified.
KSR[4:0]
N,E
Tone Control
Controls tone of inputted audio signal in three frequency bands.
Specifies the levels for bass (fc = 200 Hz), treble (fc = 5 kHz), and mid-tone (fc = 1 kHz) after selecting a sampling
frequency.
TCR[7:0]
RVR[3:0]
OPR[7:6]
E
Surround
Applies YMERSION surround to audio input signal. One of four types of surround modes is selected and Output
levels for R and L channels are set individually based on the selected surround mode.
KSR[6:5]
C01,C04
N,E
Microphone
level detection
Detects and reads the level of signal input from microphone.
Specifies the time constant for level detection.
MLR[7:0]
C14
E
Microphone
Echo
Applies echo to signal from microphone processed by setting delay and feedback.
Specifies delay time, feedback level and output signal level for L/R.
C05,C08,C0B,C0C
C16,C17,C00,C03
N,E
Stereo Echo
Expands echo by providing stereophonic output.
C1A,C1B
E
Reverberation Echo Damps echo naturally by adding reverb function.
RVR[4]
E
Microphone
key control
Applies microphone echo by subjecting signal inputted from microphone to key shift.
Specifies the amount of key shift and output signal level for L/R.
KER[7:0]
C18,C19
E
Microphone
YMERSION
Applies YMERSION to microphone echo to obtain expansion that is specific to YMERSION.
Specifies output signal level for L/R.
C1C,C1D
E
Soft Mute
Noiseless mute, Specifies on/off.
OPR[3]
N,E
Volume
Controls volume.
Some of the functions can be set in either of KP2 standard mode or KP2V extended mode, some only in KP2V
extended mode.
C02,C06,C09,C0A
C0D,C0E,C0F,C15
C1E,C1F
N,E
Note ; The fade time is applicable to the input fader and voice cancel functions.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com