Electronic Components Datasheet Search
  English  ▼

X  

YSS915 Datasheet(PDF) 2 Page - YAMAHA CORPORATION

Part # YSS915
Description  Karaoke Processor 2 for Video disc player
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS915 Datasheet(HTML) 2 Page - YAMAHA CORPORATION

  YSS915 Datasheet HTML 1Page - YAMAHA CORPORATION YSS915 Datasheet HTML 2Page - YAMAHA CORPORATION YSS915 Datasheet HTML 3Page - YAMAHA CORPORATION YSS915 Datasheet HTML 4Page - YAMAHA CORPORATION YSS915 Datasheet HTML 5Page - YAMAHA CORPORATION YSS915 Datasheet HTML 6Page - YAMAHA CORPORATION YSS915 Datasheet HTML 7Page - YAMAHA CORPORATION YSS915 Datasheet HTML 8Page - YAMAHA CORPORATION YSS915 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
YSS915
2
Difference between YSS903 and YSS915
1. No built-in DAC.
(Refer to the process flow chart in “OPERATIONS”.)
2. Connectable directly with MSB justified data output ADC.
(Refer to “Format 4” of “4. Digital audio interface” in “ FUNCTIONS”.)
3. Microphone interface terminals CDI and CDO can be connected on the board.
This feature allows to reduce the number of ports by one.
(Refer to “5. Microcomputer interface” in “ FUNCTIONS”.)
4. Input fader has been added for the microphone echo.
This feature allows to apply fade-in/fade-out control to the microphone echo through designation with
one bit from the microcomputer.
(Refer to “1. Karaoke program” in “ OPERATIONS”, and “3) VCR ($02)” of “1. Functions” in
“REGISTERS”.)
5. Zero level detection function has been added for digital audio output.
YSS915 outputs “0” at the pin “ZERO” when an audio input has been zero for a certain period.
This signal can be used to improve S/N ratio by muting the output of external DAC.
(Refer to “6. Others” in “ FUNCTIONS”.)
6. An output port PO has been added for controlling peripheral devices.
The port “PO” can be used, as an example, to control the gain of audio output amplifier through this
LSI from the microcomputer.
(Refer to “6. Others” in “ FUNCTIONS”.)
7. A mode with extended band width for microphone echo has been newly added.
Two types of cut-off frequency have been added for the low pass filter.
(Refer to “7) RVR ($06)” and “11) MDR ($1C)” of “1. Functions” in “REGISTERS”.)
8. Internal DSP has been given the operation accuracy of 20 bits.
Internal multiplier-accumulator become 20bit*13bit=24bit therefore overall bit accuracy become
improved from 18bit(YSS903) to 20bit(YSS915).
In through-mode which internal DSP is not used for processing the accuracy of input data is
maintained to output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com