Electronic Components Datasheet Search
  English  ▼

X  

YSS915 Datasheet(PDF) 4 Page - YAMAHA CORPORATION

Part # YSS915
Description  Karaoke Processor 2 for Video disc player
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS915 Datasheet(HTML) 4 Page - YAMAHA CORPORATION

  YSS915 Datasheet HTML 1Page - YAMAHA CORPORATION YSS915 Datasheet HTML 2Page - YAMAHA CORPORATION YSS915 Datasheet HTML 3Page - YAMAHA CORPORATION YSS915 Datasheet HTML 4Page - YAMAHA CORPORATION YSS915 Datasheet HTML 5Page - YAMAHA CORPORATION YSS915 Datasheet HTML 6Page - YAMAHA CORPORATION YSS915 Datasheet HTML 7Page - YAMAHA CORPORATION YSS915 Datasheet HTML 8Page - YAMAHA CORPORATION YSS915 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
YSS915
4
PIN FUNCTION
Notes ;
+ : Pull up
A : Analog terminal
No.
Name
I/O(SeeNote1)
Function
1DI
I+
Digital audio input
Serial data
2
BCI
I+
Digital audio input
Bit clock
3DO
O+
Digital audio output
Serial data
4L/R
O
Digital audio output
Word clock
5
DVDD1
-
Power supply, +5 V (for digital system)
6
BCO
O
Digital audio output
Bit clock
7
DVSS1
-
Ground (for digital system)
8
AVDD
-A
Power supply, +5 V (for analog system)
9
PLLC
-A
Connecting resistor and capacitor for PLL
10
AVSS
-A
Ground (for analog system)
11
ADC1
-A
Connecting capacitor for ADC
12
ADC2
-A
Connecting capacitor for ADC
13
VREF
OA
Referential voltage output
14
MICIN
IA
Analog input, analog voice signal for microphone channel
15
AOL
OA
Outputs analog voice signal for L channel
16
AOR
OA
Outputs analog voice signal for R channel
17
XI
I
External clock input
18
/IC
I
Initial clear (Low active)
19
DVDD2
-
Power supply, +5 V (for digital system)
20
DEPI
I
De-emphasis control (H : On, L : Off)
21
DVSS2
-
Ground (for digital system)
22
XISEL/ZERO
I+/O
Switches master clock rate/ZERO output
23
P0
I+/O
Test input terminal /P0 output
24
/CS
I
Microcomputer interface input
Chip select
25
/SCK
I
Microcomputer interface input
Serial clock
26
CDI
I
Microcomputer interface input
Serial data
27
CDO
O+
Microcomputer interface output
Serial data
28
SDSY
I+
Digital audio input
Word clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com