Electronic Components Datasheet Search
  English  ▼

X  

YSS915 Datasheet(PDF) 22 Page - YAMAHA CORPORATION

Part # YSS915
Description  Karaoke Processor 2 for Video disc player
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS915 Datasheet(HTML) 22 Page - YAMAHA CORPORATION

Back Button YSS915 Datasheet HTML 18Page - YAMAHA CORPORATION YSS915 Datasheet HTML 19Page - YAMAHA CORPORATION YSS915 Datasheet HTML 20Page - YAMAHA CORPORATION YSS915 Datasheet HTML 21Page - YAMAHA CORPORATION YSS915 Datasheet HTML 22Page - YAMAHA CORPORATION YSS915 Datasheet HTML 23Page - YAMAHA CORPORATION YSS915 Datasheet HTML 24Page - YAMAHA CORPORATION YSS915 Datasheet HTML 25Page - YAMAHA CORPORATION YSS915 Datasheet HTML 26Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
YSS915
22
-
10)
MLR($10) : Microphone level read register (valid for Karaoke program)
-
11)
MDR($1C) : Switching KP2 standard mode/KP2V extended mode, and others
bit
Function
Default Controllable
mode
0
0
1
0
2
Detected microphone level
0
3
( unsigned binary of 8bits )
0
4
0E
5
0
6
0
7
0
bit
Function
Default Controllable
mode
0
Specifies whether the value of PHC[0]($08) is outputted at PO pin.
“ 0 ” = Not outputted (The same as YSS903)
“ 1 ” = Outputted
0E
1
Specifies whether the result of zero level detection is outputted at ZERO pin.
“ 0 ” = Not outputted (The same as YSS903)
“ 1 ” = Outputted
0E
2
Selects band width for microphone echo
“ 0 ” = Sampling frequency is 8 kHz. (The same as YSS903)
“ 1 ” = Sampling frequency is 12 kHz.
0E
3
Connection with MSB justified data output A/D converter
“ 0 ” = Direct connection not allowed (The same as YSS903)
“ 1 ” = Direct connection allowed
0E
4
Selecting karaoke/movie & music program
“ 0 ” = Karaoke program
“ 1 ” = Movie & music program
(When switching the program, be sure to mute, change the setting of
coefficient register and this bit, and then release the mute when 250 ms has
passed.)
0E
5
Unused
0-
6
Switching KP2 standard mode/KP2V extended mode
“ 0 ” = KP2 standard mode
“ 1 ” = KP2V extended mode
0N,E
7
Unused (Set "0" here.)
0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com