Electronic Components Datasheet Search
  English  ▼

X  

LM2650 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2650 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2650 Datasheet HTML 1Page - National Semiconductor (TI) LM2650 Datasheet HTML 2Page - National Semiconductor (TI) LM2650 Datasheet HTML 3Page - National Semiconductor (TI) LM2650 Datasheet HTML 4Page - National Semiconductor (TI) LM2650 Datasheet HTML 5Page - National Semiconductor (TI) LM2650 Datasheet HTML 6Page - National Semiconductor (TI) LM2650 Datasheet HTML 7Page - National Semiconductor (TI) LM2650 Datasheet HTML 8Page - National Semiconductor (TI) LM2650 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics (Continued)
V
PVIN = 15V, VSLEEP LOGIC = 0V and VSD = 0V unless superseded under Conditions. Typicals and limits appearing in plain
type apply for T
A =TJ = +25˚C. Limits appearing in boldface type apply over the full junction temperature range shown under
Operating Ratings.
Symbol
Parameter
Conditions
Typ (Note 5)
Limit (Note 6)
Units
D
MIN
Minimum Duty Cycle
V
FB =VREF +50 mV,
F
OSC Not Adjusted
2.8
5
%
%(min)
V
DD
Internal Rail Voltage
I
VDD =1mA
4.0
3.6/3.4
4.2/4.3
V
V(min)
V(max)
V
BOOT
Bootstrap Regulator Voltage
(VRegH)
I
BOOT =1mA
7.5
6.5/6.0
V
V(min)
I
SS
Soft Start Current
10
13.5/20.0
µA
µA(max)
V
HYST
Hysteresis of the Sleep
Comparator (C2
Figure 2)
V
SLEEPLOGIC =3V
30
10
50
mV
mV(min)
mV(max)
V
IL of SD
0.95
V(max)
V
IH of SD
2.10
V(min)
V
IL of SLEEP LOGIC
0.9
V(max)
V
IH of SLEEP LOGIC
2.0
V(min)
V
IL of SYNC
0.50
V(max)
V
IH of SYNC
1.45
V(min)
T
SD
T
J for Thermal Shutdown
170
˚C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which the device operates
correctly. Operating ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics.
Note 2: This rating is calculated using the formula PDCmax =(TJmax −TA)/ θJA, where PDCmax is the absolute maximum power dissipation, TJmax is the maximum
junction temperature, and
θJA is the junction ot ambient thermal resistance of the package. The PDCmax rating of 1.28W results from substituting 170˚C, 70˚C and
78˚C/W for TJmax,TA and θJA respectively. A θJAof 78˚C represents the worst condition of no heat sinking of the M24B small-outline package. Heat sinking allows
the safe dissipation of more power. See Application Notes on thermal management. The LM2650 actively limits its junction temperature to about 170˚C.
Note 3: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook published by National Semiconductor Corporation.
Note 4: ESD is applied using the human-body model, a 100pF capacitor discharged through a 1.5k
Ω resistor.
Note 5: A typical is the center of characterization data taken at TA =TJ = 25˚C.
Note 6: All limits are guaranteed. The guarantee is backed with 100% testing at TA =TJ = 125˚C and statistical correlation for room temperature and cold limits.
Note 7: VREF is measured at SLEEP OUT ADJ.
Note 8: Quiescent current is the total current flowing into the PVIN and VIN pins. IQ includes the current used to drive the gates of the two NMOS power FETs at the
nominal switching frequency. IQS includes no such current.
Note 9: Pulling 100µA out of FREQ ADJ simulates adjusting the oscillator frequency with a 12.5 k
Ω resistor connected from FREQ ADJ to GND. The sleep mode
cannot be used at switching frequencies above 250 kHz.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com