Electronic Components Datasheet Search
  English  ▼

X  

LM2650 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2650 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2650 Datasheet HTML 1Page - National Semiconductor (TI) LM2650 Datasheet HTML 2Page - National Semiconductor (TI) LM2650 Datasheet HTML 3Page - National Semiconductor (TI) LM2650 Datasheet HTML 4Page - National Semiconductor (TI) LM2650 Datasheet HTML 5Page - National Semiconductor (TI) LM2650 Datasheet HTML 6Page - National Semiconductor (TI) LM2650 Datasheet HTML 7Page - National Semiconductor (TI) LM2650 Datasheet HTML 8Page - National Semiconductor (TI) LM2650 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2650
Synchronous Step-Down DC/DC Converter
General Description
The LM2650 is a step-down DC/DC converter featuring high
efficiency over a 3A to milliamperes load range. This feature
makes the LM2650 an ideal fit in battery-powered applica-
tions that demand long battery life in both run and standby
modes.
The LM2650 also features a logic-controlled shutdown mode
in which it draws at most 25µA from the input power supply.
The LM2650 employs a fixed-frequency pulse-width modu-
lation (PWM) and synchronous rectification to achieve very
high efficiencies. In many applications, efficiencies reach
95%+ for loads around 1A and exceed 90% for moderate to
heavy loads from 0.2A to 2A.
A low-power hysteretic or
″sleep″ mode keeps efficiencies
high at light loads. The LM2650 enters and exits sleep mode
automatically as the load crosses
″sleep in″ and ″sleep out″
thresholds. The LM2650 provides nodes for programming
both thresholds via external resistors. A logic input allows the
user to override the automatic sleep feature and keep the
LM2650 in PWM mode regardless of the load level.
An optional soft-start feature limits current surges from the
input power supply at start up and provides a simple means
of sequencing multiple power supplies.
Features
n
Ultra high efficiencies (95% possible)
n
High efficiency over a 3A to milliamperes load range
n
Synchronous switching of internal NMOS power FETs
n
Wide input voltage range (4.5V to 18V)
n
Output voltage adjustable from 1.5V to 16V
n
Automatic low-power sleep mode
n
Logic-controlled micropower shutdown (I
QSD ≤ 25 µA)
n
Frequency adjustable up to 300 kHz
n
Frequency synchronization with external signal
n
Programmable soft-start
n
Short-circuit current limiting
n
Thermal shutdown
n
Available in 24-lead Small-Outline package
Applications
n
Notebook and palmtop personal computers
n
Portable data terminals
n
Modems
n
Portable Instruments
n
Global positioning devices (GPSs)
n
Battery-powered digital devices
Typical Application
DS012848-1
Converting a Four-Cell Li Ion Battery to 5V
LM2650-ADJ Efficiency
DS012848-2
November 2000
© 2000 National Semiconductor Corporation
DS012848
www.national.com


Similar Part No. - LM2650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2650 TI-LM2650 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
LM2650 TI2-LM2650 Datasheet
521Kb / 20P
LM2650 Synchronous Step-Down DC/DC Converter
REVISED APRIL 2013
LM2650M-ADJ/NOPB TI-LM2650M-ADJ/NOPB Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
LM2650M-ADJ/NOPB TI2-LM2650M-ADJ/NOPB Datasheet
521Kb / 20P
LM2650 Synchronous Step-Down DC/DC Converter
REVISED APRIL 2013
LM2650M-ADJ/NOPB.B TI2-LM2650M-ADJ/NOPB.B Datasheet
521Kb / 20P
LM2650 Synchronous Step-Down DC/DC Converter
REVISED APRIL 2013
More results

Similar Description - LM2650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17545 MAXIM-MAX17545 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
Synchronous Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com