Electronic Components Datasheet Search
  English  ▼

X  

LM2650 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2650 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2650 Datasheet HTML 3Page - National Semiconductor (TI) LM2650 Datasheet HTML 4Page - National Semiconductor (TI) LM2650 Datasheet HTML 5Page - National Semiconductor (TI) LM2650 Datasheet HTML 6Page - National Semiconductor (TI) LM2650 Datasheet HTML 7Page - National Semiconductor (TI) LM2650 Datasheet HTML 8Page - National Semiconductor (TI) LM2650 Datasheet HTML 9Page - National Semiconductor (TI) LM2650 Datasheet HTML 10Page - National Semiconductor (TI) LM2650 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Circuits (Continued)
TABLE 1. Components for the Typical 90 kHz Application Circuit
Input Voltage
7V to 18V IN
Applicable Cell Stacks
8 to 12 Cell NiCd or NiMh, 3 to 4 Cell Li Ion, 8 to 11 Cell Alkaline, 6 Cell
Lead Acid
Output
5V, 3A Out
3.3V, 3A out
Input Capacitor C
IN
2 x 22 µF, 35V AVX TPS
Series or Sprague 593D Series
2 x 22 µF, 35V AVX TPS
Series or Sprague 593D Series
Inductor L1
40µH (See
Table 2)
33µH (See
Table 2)
Output Capacitor C
OUT
3x220 µF, 10V AVX TPS
Series or Sprague 593D Series
3x220 µF, 10V AVX TPS
Series or Sprague 593D Series
Feedback Resistors R1
and R2
R1 = 75k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
R1 = 41.2k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
Compensation
Components R
C,CC,R3,
and C
10
R
C = 37.4 kΩ,
C
C = 4.7 nF,
R
3 = 3.57 kΩ,
C
10 = 5.6 nF
R
C = 23.2 kΩ,
C
C = 8.2 nF,
R
3 = 2.0 kΩ,
C
10 =10 nF
Sleep Resistors R
SIA
and R
SOA
R
SIA =33 kΩ,
R
SOA = 200 kΩ
R
SIA =39 kΩ,
R
SOA = 130 kΩ
TABLE 2. Toroidal Inductors Using Cores from MICROMETALS, INC.
Core
Number
Core
Material
Wire
Gauge
Number of
Strands
Number of
Turns
15µH
T38
−52
AWG # 23
1
21
20µH
T38
−52
AWG # 23
1
25
33µH
T50
−52
AWG # 21
1
41
40µH
T50 (B)
−18
AWG # 21
1
41
MICROMETALS
5615 E. La Palma Ave. Anaheim, CA 92807 USA (800) 356-5977
TABLE 3. Components for Typical 200 kHz Applications
Input Voltage
7V to 18V IN
Applicable Cell Stacks
8 to 12 Cell NiCd or NiMh, 3 to 4 Cell Li Ion, 8 to 11 Cell Alkaline, 6 Cell
Lead Acid
Output
5V, 3A Out
3.3V, 3A out
Input Capacitor C
IN
2 x 22 µF, 35V AVX TPS
Series or Sprague 593D Series
2 x 22 µF, 35V AVX TPS
Series or Sprague 593D Series
Inductor L1
20µH (See
Table 2)
15µH (See
Table 2)
Output Capacitor C
OUT
3x220 µF, 10V AVX TPS
Series or Sprague 593D Series
3x220 µF, 10V AVX TPS
Series or Sprague 593D Series
Feedback Resistors R1
and R2
R1 = 75k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
R1 = 41.2k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
Compensation
Components R
C,CC,R3,
and C
10
R
C = 53.6 kΩ,
C
C = 2.7 nF,
R
3 = 4.02 kΩ,
C
10 = 4.7 nF
R
C = 33.2 kΩ,
C
C = 3.9 nF,
R
3 = 3.01 kΩ,
C
10 = 6.8 nF
Sleep Resistors R
SIA
and R
SOA
R
SIA =33 kΩ,
R
SOA = 200 kΩ
R
SIA =47 kΩ,
R
SOA =91 kΩ
Frequency Adjusting
Resistor R
FA
R
FA = 24.9 kΩ
R
FA = 24.9 kΩ
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com