Electronic Components Datasheet Search
  English  ▼

X  

LM2650 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2650
Description  Synchronous Step-Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2650 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2650 Datasheet HTML 3Page - National Semiconductor (TI) LM2650 Datasheet HTML 4Page - National Semiconductor (TI) LM2650 Datasheet HTML 5Page - National Semiconductor (TI) LM2650 Datasheet HTML 6Page - National Semiconductor (TI) LM2650 Datasheet HTML 7Page - National Semiconductor (TI) LM2650 Datasheet HTML 8Page - National Semiconductor (TI) LM2650 Datasheet HTML 9Page - National Semiconductor (TI) LM2650 Datasheet HTML 10Page - National Semiconductor (TI) LM2650 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Operation (Continued)
The diode D2 is the body diode of Q2. The hysteretic circuit
uses D2 as a rectifier instead of switching Q2 as a synchro-
nous rectifier.
When the load current drops below the prescribed sleep-in
threshold, the LM2650 shuts down the PWM loop and starts
up the hysteretic loop. The hysteretic loop supports light
loads more efficiently because it uses less power to support
its own operation; it uses less bias power because it’s a
simpler loop having less circuit blocks to bias, and it switches
slower, so it incurs lower switching losses.
The hysteretic control loop does not switch at a constant
frequency. Instead, it monitors V
OUT and switches only when
V
OUT reaches either side of a narrow window centered on
the desired output voltage. C2 directs the switching based
on its reading of the feedback voltage. Switching in this
manner yields a regulated voltage consisting of the desired
output voltage and an AC ripple voltage. The magnitude of
the AC component can be approximated using
(4)
For example, with V
OUT set to 5V, VOUT_PP is approximately
120mV,
(5)
When it starts up, the hysteretic loop turns Q1 on. While Q1
is on, the input power supply charges C
OUT and supplies
current to the load. Current from the supply reaches C and
the load via the series path provided by Q1 and L1. As the
feedback voltage just surpasses the upper hysteretic thresh-
old of C2, the output of C2 changes from high to low, and HD
responds by pulling the gate of Q1 down turning Q1 off. As
Q1 turns off, L1 generates a negative-going voltage transient
that D2 clamps at just below ground. D2 remains on only
briefly as the current in L1 runs out. While both Q1 and D2
are off, C
OUT alone supplies current to the load. As the
feedback voltage just surpasses the lower hysteretic thresh-
old of C2, the output of C2 changes states from low to high,
and DH responds by pulling the gate of Q1 up turning Q1 on
and starting the hysteretic cycle over.
Note that as the load current decreases, it takes increasingly
longer periods for the load current to discharge C
OUT
through the hysteretic window, and as the load current in-
creases, the periods become even shorter. It can be seen
from the above observation that the switching frequency of
the hysteretic loop varies as the load varies. The switching
frequency can be approximated using
(6)
Here f is the switching frequency in hertz, I is the load current
in amperes, C
OUT is the value of the capacitor in farads, and
V
OUT_PP is the magnitude of the AC ripple voltage in volts.
Typical switching frequencies range anywhere from a few
hertz for very light loads to a few thousand hertz for light
loads bordering on the moderate level.
Application Circuits
Figure 4 is a schematic of the typical application circuit. use
the component values shown in the figure and those con-
tained in
Table 1 to build a 5V, 3A, or 3.3V, 3A step-down
DC/DC converter. As with the design of any DC/DC con-
verter, the design of these circuits involved tradeoffs be-
tween efficiency, size, and cost. Here more weight was given
to efficiency than to size as evidenced by the low switching
frequency which keeps switching losses low but pushes the
value and size of the inductor up.
From a smaller circuit, use the component values shown in
Figure 4 and those contained in Table 3. These circuits trade
slightly higher switching losses for a much smaller inductor.
Note,
Figure 4 does not show R
FA, the resistor required to
adjust the switching frequency from 90 kHz up to 200 kHz.
Connect R
FA between the FREQ ADJ pin and ground.
DS012848-19
FIGURE 4. The Typical 90 kHz Application Circuit
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com