Electronic Components Datasheet Search
  English  ▼

X  

ADC10040 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10040
Description  10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10040 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
12
V
IN−
Inverting analog input signal. With a 1.2V reference the
full-scale input signal level is 1.0 V
P-P. This pin may be tied to
V
COM (pin 4) for single-ended operation.
13
V
IN+
Non-inverting analog input signal. With a 1.2V reference the
full-scale input signal level is 1.0 V
P-P.
6V
REF
Reference input. This pin should be bypassed to V
SSA with a
0.1 µF monolithic capacitor. V
REF is 1.20V nominal. This pin
may be driven by a 1.20V external reference if desired. Do
not load this pin.
7V
REFT
V
REFT and VREFB are high impedance reference bypass pins
only. Connect a 0.1 µF capacitor from each of these pins to
V
SSA. These pins should not be loaded. VCOM should also be
bypassed with a 0.1 µF capacitor to V
SSA.VCOM may be used
to set the input common voltage V
CM.
4V
COM
8V
REFB
DIGITAL I/O
1
CLK
Digital clock input. The range of frequencies for this input is
20 MHz to 40 MHz. The input is sampled on the rising edge
of this input.
15
DF
DF = “1” Two’s Complement
DF = “0” Offset Binary
28
STBY
This is the standby pin. When high, this pin sets the converter
into standby mode. When this pin is low, the converter is in
active mode.
5
IRS (Input Range
Select)
IRS=“V
DDA” 2.0 VP-P input range
IRS=“V
SSA” 1.5 VP-P input range
IRS = “Floating” 1.0 V
P-P input range
If using both V
IN+ and VIN- pins, (or differential mode), then
the peak-to-peak voltage refers to the differential voltage
(V
IN+-VIN-).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com