Electronic Components Datasheet Search
  English  ▼

X  

ADC10040 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10040
Description  10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10040 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DDA,VDDIO
3.9V
Voltage on Any Pin to GND
−0.3V to V
DDA or
V
DDIO +0.3V
Input Current on Any Pin
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
DDA (Supply Voltage)
+2.7V to +3.6V
V
DDIO (Output Driver Supply
Voltage)
+2.5V to V
DDA
V
REF
1.20V
|V
SSA–VSSIO|
≤ 100 mV
NOTE: Absolute maximum ratings are limiting values, to be applied individu-
ally, and beyond which the serviceability of the circuit may be impaired.
Functional operability under any of these conditions is not necessarily im-
plied. Exposure to maximum ratings for extended periods may affect device
reliability.
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for V
SSA =VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V,
V
IN =2VP-P, STBY = 0V, VREF = 1.20V, (External Supply) fCLK = 40 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits
apply for T
A =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STATIC CONVERTER CHARACTERISTICS
No Missing Codes Guaranteed
10
Bits
INL
Integral Non-Linearity (Note 11)
F
IN = 250 kHz, −0 dB Full
Scale
−1.0
±0.3
+1.0
LSB
DNL
Differential Non-Linearity
F
IN = 250 kHz, −0 dB Full
Scale
−0.9
±0.3
+0.9
LSB
GE
Gain Error
Positive Error
−1.5
+0.4
+1.9
%FS
Negative Error
−1.5
−0.01
+1.9
%FS
OE
Offset Error (V
IN+=VIN−)
−1.4
0.12
+1.6
%FS
Under Range Output Code
0
Over Range Output Code
1023
FPBW
Full Power Bandwidth
400
MHz
REFERENCE AND INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
0.5
1.5
V
V
COM
Output Voltage for use as an
input common mode voltage
(Note 16)
1.45
V
V
REF
Reference Voltage
1.2
V
V
REFTC
Reference Voltage Temperature
Coefficient
±80
ppm/˚C
POWER SUPPLY CHARACTERISTICS
I
VDDA
Analog Supply Current
STBY = 1
4.5
6.0
mA
STBY = 0
18
25
mA
I
VDDIO
Digital Supply Current
STBY=1,f
IN =0Hz
0
mA
STBY=0,f
IN =0Hz
0.6
0.8
mA
PWR
Power Consumption
STBY = 1
13.5
18
mW
STBY = 0
55.5
77
mW
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com