Electronic Components Datasheet Search
  English  ▼

X  

ADC10040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10040
Description  10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC10040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC10040
10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
General Description
The ADC10040 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 10-bit
digital words at 40 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with digital
error correction and an on-chip sample-and-hold circuit to
provide a complete conversion solution, and to minimize
power consumption, while providing excellent dynamic per-
formance. A unique sample-and-hold stage yields a full-
power bandwidth of 400 MHz. Operating on a single 3.0V
power supply, this device consumes just 55.5 mW at
40 MSPS, including the reference current. The Standby
feature reduces power consumption to just 13.5 mW.
The differential inputs provide a full scale selectable input
swing of 2.0 V
P-P, 1.5 VP-P, 1.0 VP-P, with the possibility of a
single-ended input. Full use of the differential input is recom-
mended for optimum performance. An internal +1.2V preci-
sion bandgap reference is used to set the ADC full-scale
range, and also allows the user to supply a buffered refer-
enced voltage for those applications requiring increased ac-
curacy. The output data format is 10-bit offset binary, or two’s
complement.
This device is available in the 28-lead TSSOP package and
will operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Single +3.0V operation
n
Selectable 2.0 V
P-P, 1.5 VP-P, or 1.0 VP-P full-scale input
swing
n
400 MHz −3 dB input bandwidth
n
Low power consumption
n
Standby mode
n
On-chip reference and sample-and-hold amplifier
n
Offset binary or two’s complement data format
n
Separate adjustable output driver supply to
accommodate 2.5V and 3.3V logic families
n
28-pin TSSOP package
Key Specifications
n
Resolution
10 Bits
n
Conversion Rate
40 MSPS
n
Full Power Bandwidth
400 MHz
n
DNL
±0.3 LSB (typ)
n
SNR (f
IN = 11 MHz)
59.6 dB (typ)
n
SFDR (f
IN = 11 MHz)
−80 dB (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+3.0V
n
Power Consumption, 40 MHz
55.5 mW
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Cellular Based Stations/Communications Receivers
n
Sonar/Radar
n
xDSL
n
Wireless Local Loops
n
Data Acquisition Systems
n
DSP Front Ends
Connection Diagram
20077801
November 2004
© 2004 National Semiconductor Corporation
DS200778
www.national.com


Similar Part No. - ADC10040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10040 TI1-ADC10040 Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10040 TI1-ADC10040 Datasheet
1Mb / 27P
55.5 mW A/D Converter
ADC10040 TI2-ADC10040 Datasheet
826Kb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
REVISED APRIL 2013
ADC10040-Q1 TI1-ADC10040-Q1 Datasheet
1Mb / 27P
55.5 mW A/D Converter
ADC10040-Q1 TI2-ADC10040-Q1 Datasheet
826Kb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
REVISED APRIL 2013
More results

Similar Description - ADC10040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC10040 TI1-ADC10040_15 Datasheet
1Mb / 27P
55.5 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com