Electronic Components Datasheet Search
  English  ▼

X  

ADC10040 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10040
Description  10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10040 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC10040 Datasheet HTML 1Page - National Semiconductor (TI) ADC10040 Datasheet HTML 2Page - National Semiconductor (TI) ADC10040 Datasheet HTML 3Page - National Semiconductor (TI) ADC10040 Datasheet HTML 4Page - National Semiconductor (TI) ADC10040 Datasheet HTML 5Page - National Semiconductor (TI) ADC10040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
16–20,
23–27
D0–D9
Digital output data. D0 is the LSB and D9 is the MSB of the
binary output word.
ANALOG POWER
2, 9, 10
V
DDA
Positive analog supply pins. These pins should be connected
to a quiet 3,0V source and bypassed to analog ground with a
0.1 µF monolithic capacitor located within 1 cm of these pins.
A 4.7 µF capacitor should also be used in parallel.
3, 11, 14
V
SSA
Ground return for the analog supply.
DIGITAL POWER
22
V
DDIO
Positive digital supply pins for the ADC10040’s output drivers.
This pin should be bypassed to digital ground with a 0.1 µF
monolithic capacitor located within 1 cm of this pin. A 4.7 µF
capacitor should also be used in parallel. The voltage on this
pin should never exceed the voltage on V
DDA by more than
300 mV.
21
V
SSIO
The ground return for the digital supply for the output drivers.
This pin should be connected to the digital ground, but not
near the analog ground.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com