Electronic Components Datasheet Search
  English  ▼

X  

NE856 Datasheet(PDF) 6 Page - NEC

Part # NE856
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856 Datasheet(HTML) 6 Page - NEC

Back Button NE856 Datasheet HTML 2Page - NEC NE856 Datasheet HTML 3Page - NEC NE856 Datasheet HTML 4Page - NEC NE856 Datasheet HTML 5Page - NEC NE856 Datasheet HTML 6Page - NEC NE856 Datasheet HTML 7Page - NEC NE856 Datasheet HTML 8Page - NEC NE856 Datasheet HTML 9Page - NEC NE856 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NE85632
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE85633
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 0.3 mA
500
1.62
9.23
0.71
82
0.80
800
2.45
6.11
0.72
118
0.55
1000
2.80
5.56
0.74
142
0.23
VCE = 2.5 V, IC = 1.0 mA
500
1.15
12.70
0.59
84
0.33
800
1.56
9.20
0.57
120
0.18
1000
1.80
8.59
0.62
146
0.10
1500
2.30
5.52
0.70
170
0.05
2000
2.88
4.46
0.72
-161
0.13
VCE = 2.5 V, IC = 3 mA
500
1.00
14.74
0.42
88
0.16
800
1.25
11.53
0.42
133
0.13
1000
1.40
10.03
0.49
152
0.07
1500
1.70
7.28
0.62
175
0.04
2000
2.05
5.94
0.68
-155
0.10
VCE = 10 V, IC = 7.0 mA
500
1.85
0.37
87
0.20
1000
1.90
12.17
0.35
145
0.11
2000
2.10
7.8
0.54
-138
0.21
3000
2.70
4.68
0.67
-96
0.53
VCE = 10 V, IC = 10 mA
500
1.29
17.58
0.1
96
0.11
800
1.50
13.41
0.2
-105
0.15
900
1.56
12.26
0.25
-95
0.16
1000
1.63
12.0
0.36
-117
0.17
1500
1.91
9.3
0.46
-58
0.52
VCE = 10 V, IC = 20 mA
500
1.51
17.97
0.1
98
0.15
800
1.73
13.76
0.21
-93
0.20
900
1.80
12.65
0.26
-86
0.21
1000
1.86
12.2
0.38
-107
0.23
1500
2.13
9.5
0.44
-53
0.55
NE856 SERIES
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 7 mA
500
1.02
20.24
0.15
117
0.12
700
1.29
18.11
0.27
138
0.09
1000
1.38
16.13
0.56
149
0.07
1500
1.91
13.70
0.66
177
0.06
2000
2.31
10.94
0.56
-151
0.18
NE85639
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 0.3 mA
500
1.60
8.65
0.69
79
1.25
800
2.00
6.26
0.75
121
0.45
VCE = 2.5 V, IC = 1.0 mA
500
1.26
13.73
0.66
86
0.21
800
1.54
9.96
0.57
124
0.16
1000
1.75
8.99
0.60
148
0.09
1500
2.40
6.62
0.71
-173
0.05
VCE = 2.5 V, IC = 3.0 mA
500
1.00
15.31
0.44
83
0.15
800
1.13
12.09
0.50
126
0.09
1000
1.25
11.04
0.50
155
0.07
1500
1.60
8.31
0.59
-170
0.06
2000
2.10
6.47
0.67
-146
0.21
VCE = 10 V, IC = 7 mA
500
1.15
18.91
0.18
126
0.15
1000
1.50
13.5
0.32
169
0.09
1500
1.80
10.5
0.43
-174
0.14
2000
2.10
8.74
0.55
-142
0.20
3000
3.00
5.98
0.70
-107
0.93
VCE = 10 V, IC = 20 mA
500
1.40
19.5
0.26
122
0.17
1000
1.70
14.5
0.35
175
0.11
1500
2.00
11.5
0.44
-159
0.16
2000
2.30
9.0
0.55
-135
0.23
3000
3.10
6.5
0.70
-104
1.01
NE85635
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 4.5 V, IC = 10 mA
200
1.10
20.0
0.43
90
0.10
300
1.15
18.7
0.37
112
0.11
500
1.25
15.5
0.30
135
0.11
1000
1.80
9.4
0.22
170
0.12
NE85634
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 4.5 V, IC = 10 mA
500
1.1
0.20
50
0.10
1000
1.6
30.72
0.34
159
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com