Electronic Components Datasheet Search
  English  ▼

X  

NE856 Datasheet(PDF) 14 Page - NEC

Part # NE856
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856 Datasheet(HTML) 14 Page - NEC

Back Button NE856 Datasheet HTML 10Page - NEC NE856 Datasheet HTML 11Page - NEC NE856 Datasheet HTML 12Page - NEC NE856 Datasheet HTML 13Page - NEC NE856 Datasheet HTML 14Page - NEC NE856 Datasheet HTML 15Page - NEC NE856 Datasheet HTML 16Page - NEC NE856 Datasheet HTML 17Page - NEC NE856 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE856 SERIES
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE85635
VCE = 10 V, IC = 7 mA
VCE = 10 V, IC = 20 mA
VCE = 10 V, IC = 30 mA
100
.796
-46.7
17.619
152.2
.024
65.5
.907
-19.8
0.11
28.6
500
.709
-139.8
8.012
100.9
.052
32.0
.492
-44.0
0.41
21.9
1000
.700
-170.2
4.276
78.7
.058
30.4
.396
-50.7
0.75
18.7
1500
.692
174.0
2.903
64.1
.064
35.2
.382
-59.8
1.03
15.5
2000
.707
162.6
2.218
51.3
.074
40.7
.392
-70.7
1.10
12.9
2500
.711
152.2
1.800
39.6
.086
44.7
.411
-81.9
1.12
11.1
3000
.715
142.8
1.501
28.8
.103
47.0
.434
-92.9
1.09
9.8
3500
.715
133.8
1.291
18.8
.122
47.4
.462
-103.5
1.03
9.2
4000
.722
125.2
1.140
9.6
.144
46.1
.488
-113.7
0.94
9.0
100
.631
-81.7
33.116
138.8
.018
57.6
.765
-33.5
0.19
32.6
500
.667
-162.2
10.351
93.1
.033
42.9
.306
-54.1
0.70
24.9
1000
.673
177.8
5.308
75.8
.047
50.8
.244
-58.5
0.99
20.5
1500
.668
165.9
3.579
63.3
.063
54.7
.241
-67.1
1.12
15.5
2000
.681
156.6
2.732
52.0
.081
55.4
.256
-77.7
1.08
13.5
2500
.684
147.5
2.217
41.3
.100
54.3
.277
-88.2
1.06
11.9
3000
.686
139.0
1.858
31.1
.120
52.2
.302
-98.2
1.04
10.7
3500
.687
130.8
1.605
21.6
.141
49.2
.331
-107.7
1.00
10.6
4000
.693
122.8
1.426
12.5
.163
45.6
.359
-116.8
0.94
9.4
100
.585
-98.0
38.344
133.3
.016
54.5
.702
-38.2
0.25
33.8
500
.662
-167.8
10.800
91.0
.029
48.8
.263
-55.7
0.81
25.6
1000
.669
175.0
5.500
74.9
.046
56.8
.213
-59.8
1.04
19.6
1500
.665
164.0
3.705
62.9
.064
59.1
.213
-68.5
1.12
15.6
2000
.677
155.1
2.828
51.8
.083
58.5
.230
-79.1
1.08
13.6
2500
.679
146.5
2.294
41.3
.103
56.2
.252
-89.5
1.06
12.0
3000
.682
138.1
1.922
31.3
.124
53.4
.277
-99.4
1.02
10.9
3500
.684
130.0
1.663
21.8
.145
49.9
.306
-108.5
0.99
10.6
4000
.688
122.2
1.478
12.8
.166
45.9
.334
-117.4
0.94
9.5
Coordinates in Ohms
Frequency in GHz
VCE = 10 V, IC = 20 mA
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
10.0
20.0
30.0
40.0
S12
.05
.10
.15 .20
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com