Electronic Components Datasheet Search
  English  ▼

X  

NE856 Datasheet(PDF) 15 Page - NEC

Part # NE856
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856 Datasheet(HTML) 15 Page - NEC

Back Button NE856 Datasheet HTML 11Page - NEC NE856 Datasheet HTML 12Page - NEC NE856 Datasheet HTML 13Page - NEC NE856 Datasheet HTML 14Page - NEC NE856 Datasheet HTML 15Page - NEC NE856 Datasheet HTML 16Page - NEC NE856 Datasheet HTML 17Page - NEC NE856 Datasheet HTML 18Page - NEC NE856 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
100
.968
-27
3.616
164.2
.049
74.5
.985
-8.1
0.03
18.7
500
.785
-103
2.420
110.9
.146
35.4
.769
-29.3
0.31
12.2
1000
.712
-156
1.493
76.0
.150
16.3
.625
-40.9
0.63
10.0
1500
.716
172
1.059
53.7
.122
15.3
.573
-54.4
1.06
7.9
2000
.739
150
0.829
37.9
.107
36.7
.549
-72.6
1.43
5.0
2500
.775
134
0.659
26.6
.146
57.1
.537
-94.8
1.23
3.7
3000
.793
122
0.553
20.6
.215
61.1
.546
-118.5
1.07
2.5
100
.888
-39
9.537
156.1
.046
65.8
.935
-16.4
0.14
23.2
500
.628
-127
4.650
101.3
.104
36.1
.523
-42.8
0.50
16.5
1000
.594
-173
2.549
74.3
.117
34.3
.368
-49.8
0.90
13.4
1500
.615
162
1.767
56.3
.133
40.7
.310
-60.9
1.12
9.1
2000
.649
145
1.361
41.8
.159
48.4
.283
-79.4
1.17
6.8
2500
.686
132
1.112
29.9
.199
50.9
.276
-102.9
1.10
5.5
3000
.716
121
0.930
20.7
.245
50.4
.304
-127.4
1.04
4.6
100
.759
-43
16.992
148
.004
54
.896
-18
0.73
36.3
500
.478
-138
6.930
98
.051
51
.496
-29
0.83
21.3
1000
.459
178
3.728
75
.081
57
.398
-31
1.07
15.0
1500
.490
155
2.557
61
.119
61
.353
-39
1.07
11.7
2000
.512
139
1.951
49
.160
63
.326
-47
1.06
9.4
2500
.563
127
1.597
38
.203
62
.293
-63
0.99
9.0
3000
.604
117
1.354
26
.246
57
.275
-84
0.94
7.4
3500
.651
108
1.164
18
.290
52
.279
-109
0.90
6.0
4000
.692
101
1.036
11
.334
49
.316
-129
0.84
4.9
NE85639
VCE = 2.5 V, IC = 1 mA
VCE = 2.5 V, IC = 3 mA
VCE = 10 V, IC = 7 mA
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE856 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
VCE = 2.5 V, IC = 3 mA
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
2.50
5.00
7.50
10.00
S12
.05
.10
.15 .20
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
VCE = 10 V, IC = 20 mA
100
.57
-66
28.21
134
.00
46
.75
-28
1.72
34.7
500
.39
-161
8.30
91
.04
64
.36
-28
1.12
20.9
1000
.40
166
4.29
72
.09
67
.30
-28
1.10
15.0
1400
.44
150
3.10
62
.12
66
.27
-36
1.07
12.4
2000
.46
134
2.24
50
.18
64
.23
-46
1.02
9.9
2500
.52
124
1.83
40
.22
60
.19
-64
0.99
9.1
3000
.56
115
1.55
27
.26
54
.17
-92
0.97
7.6
3500
.61
108
1.34
20
.30
48
.18
-123
0.94
6.4
4000
.65
100
1.20
13
.34
46
.23
-143
0.90
5.4
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com