Electronic Components Datasheet Search
  English  ▼

X  

NE856 Datasheet(PDF) 8 Page - NEC

Part # NE856
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE856 Datasheet(HTML) 8 Page - NEC

Back Button NE856 Datasheet HTML 4Page - NEC NE856 Datasheet HTML 5Page - NEC NE856 Datasheet HTML 6Page - NEC NE856 Datasheet HTML 7Page - NEC NE856 Datasheet HTML 8Page - NEC NE856 Datasheet HTML 9Page - NEC NE856 Datasheet HTML 10Page - NEC NE856 Datasheet HTML 11Page - NEC NE856 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
NE856 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 1 V, IC = 1 mA
50
0.985
-13.1
3.826
170.4
0.033
78.1
0.992
-6.5
0.10
20.6
100
0.980
-28.2
3.396
158.7
0.059
70.7
0.973
-12.9
0.10
17.6
200
0.906
-59.2
3.234
139.9
0.107
55.4
0.909
-23.9
0.10
14.8
300
0.861
-80.4
2.781
123.8
0.141
41.9
0.838
-32.5
0.19
12.9
400
0.822
-100.4
2.432
110.5
0.161
31.6
0.776
-39.3
0.23
11.8
500
0.793
-115.4
2.128
99.5
0.172
22.9
0.725
-44.8
0.30
10.9
600
0.769
-128.5
1.886
89.8
0.178
16.1
0.690
-49.6
0.36
10.3
700
0.754
-139.2
1.674
81.4
0.180
10.2
0.663
-54.0
0.42
9.7
800
0.748
-148.5
1.510
74.0
0.178
5.2
0.643
-58.3
0.48
9.3
900
0.740
-156.4
1.364
67.2
0.175
1.1
0.631
-62.5
0.55
8.9
1000
0.738
-163.6
1.247
60.8
0.171
-2.5
0.621
-66.5
0.62
8.6
1500
0.739
168.1
0.880
34.7
0.139
-11.8
0.607
-87.1
1.00
8.0
2000
0.748
146.4
0.676
15.4
0.108
-3.8
0.609
-107.4
1.53
3.7
2500
0.760
126.9
0.558
2.0
0.117
18.0
0.611
-127.8
1.63
2.1
3000
0.765
108.5
0.492
-8.8
0.175
26.4
0.608
-149.5
1.32
1.1
50
0.899
-23.4
10.689
164.4
0.032
76.3
0.962
-12.8
0.09
25.2
100
0.865
-45.1
9.073
150.5
0.054
64.2
0.908
-24.4
0.10
22.3
200
0.794
-85.0
7.526
127.5
0.088
46.7
0.748
-41.5
0.15
19.3
300
0.724
-109.3
5.882
112.2
0.107
35.1
0.618
-52.2
0.27
17.4
400
0.699
-128.0
4.787
100.9
0.114
27.9
0.528
-59.5
0.34
16.2
500
0.673
-141.6
4.006
91.9
0.118
23.1
0.468
-64.6
0.44
15.3
600
0.668
-152.4
3.426
84.5
0.121
20.0
0.427
-68.8
0.52
14.5
700
0.657
-161.1
2.988
78.0
0.123
18.0
0.399
-72.5
0.61
13.9
800
0.656
-168.3
2.654
72.3
0.123
16.1
0.380
-76.0
0.69
13.3
900
0.653
-174.5
2.373
67.0
0.124
15.2
0.367
-79.5
0.77
12.8
1000
0.652
179.2
2.155
61.9
0.124
15.0
0.359
-82.8
0.85
12.4
1500
0.660
156.4
1.490
40.0
0.129
16.1
0.349
-99.9
1.16
8.2
2000
0.666
138.4
1.149
21.4
0.147
20.0
0.358
-117.2
1.30
5.6
2500
0.676
122.0
0.964
6.0
0.181
21.2
0.367
-134.9
1.24
4.3
3000
0.681
105.7
0.840
-8.5
0.228
17.7
0.374
-154.8
1.17
3.2
50
0.971
-10.1
2.890
175.8
0.021
80.9
0.998
-3.6
0.03
21.4
100
0.962
-22.4
2.779
163.2
0.039
75.9
0.988
-8.2
0.07
18.5
200
0.930
-46.4
2.625
146.3
0.076
61.4
0.942
-17.3
0.12
15.4
300
0.895
-68.6
2.462
131.1
0.104
48.1
0.893
-24.7
0.17
13.7
400
0.854
-88.4
2.295
118.3
0.123
36.8
0.839
-31.0
0.23
12.7
500
0.823
-104.9
2.095
107.2
0.133
29.1
0.799
-35.9
0.27
12.0
600
0.798
-119.4
1.925
97.2
0.140
21.4
0.761
-40.0
0.33
11.4
700
0.774
-131.3
1.767
89.3
0.142
16.2
0.738
-44.5
0.38
10.9
800
0.766
-141.6
1.592
81.2
0.143
11.3
0.719
-48.0
0.44
10.5
900
0.758
-150.6
1.459
73.9
0.141
6.6
0.708
-51.6
0.50
10.1
1000
0.753
-158.9
1.329
67.1
0.137
2.7
0.708
-54.9
0.56
9.9
1500
0.743
170.2
0.952
41.5
0.111
-5.6
0.681
-73.7
0.94
9.3
2000
0.752
146.5
0.728
22.1
0.088
4.7
0.681
-92.0
1.40
5.4
2500
0.752
126.1
0.605
6.9
0.099
29.8
0.672
-110.5
1.55
3.5
3000
0.758
106.7
0.523
-4.0
0.152
36.7
0.672
-128.3
1.21
2.6
NE85618
Note:
1. Gain Calculations:
VCE = 1 V, IC = 3 mA
VCE = 2.5 V, IC = 1 mA
Coordinates in Ohms
Frequency in GHz
VCE = 1 V, IC = 3 mA
0.2
0.4
0.6
0.8
1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
0˚
90˚
45˚
2.50
5.00
7.50
10.00
S12
.05
.10
.15 .20
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com