Electronic Components Datasheet Search
  English  ▼

X  

LM2655 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2655 Datasheet HTML 1Page - National Semiconductor (TI) LM2655 Datasheet HTML 2Page - National Semiconductor (TI) LM2655 Datasheet HTML 3Page - National Semiconductor (TI) LM2655 Datasheet HTML 4Page - National Semiconductor (TI) LM2655 Datasheet HTML 5Page - National Semiconductor (TI) LM2655 Datasheet HTML 6Page - National Semiconductor (TI) LM2655 Datasheet HTML 7Page - National Semiconductor (TI) LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Description
Pin
Name
Function
1-2
SW
Switched-node connection, which is connected to the source of the internal high-side
MOSFET.
3-5
PV
IN
Main power supply input pin. Connected to the drain of the internal high-side MOSFET.
6V
CB
Bootstrap capacitor connection for high-side gate drive.
7AV
IN
Input voltage for control and drive circuits.
8
SD(SS)
Shutdown control input, active low. This pin can also function as soft-start control pin.
Connect a capacitor from this pin to ground.
9
FB
Output voltage feedback input. Connected to the output voltage.
10
COMP
Compensation network connection. Connected to the output of the voltage error
amplifier.
11
L
DELAY
A capacitor between this pin to ground sets the delay from when the output voltage
reaches 80% of its nominal to when the undervoltage latch protection is enabled.
12
LDR
Low-side FET gate drive pin.
13
GND
Power ground.
14-16
PV
IN
Main power supply input pin. Connected to the drain of the internal high-side MOSFET.
Ordering Information
Supplied as 1000 units
Tape and Reel
Supplied as 3000 units,
Tape and Reel
LM2655MTC-3.3
LM2655MTCX-3.3
LM2655MTC-ADJ
LM2655MTCX-ADJ
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com