Electronic Components Datasheet Search
  English  ▼

X  

LM2655 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2655 Datasheet HTML 1Page - National Semiconductor (TI) LM2655 Datasheet HTML 2Page - National Semiconductor (TI) LM2655 Datasheet HTML 3Page - National Semiconductor (TI) LM2655 Datasheet HTML 4Page - National Semiconductor (TI) LM2655 Datasheet HTML 5Page - National Semiconductor (TI) LM2655 Datasheet HTML 6Page - National Semiconductor (TI) LM2655 Datasheet HTML 7Page - National Semiconductor (TI) LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2655
2.5A High Efficiency Synchronous Switching Regulator
General Description
The LM2655 is a current-mode controlled PWM step-down
switching regulator. It has the unique ability to operate in
synchronous or asynchronous mode. This gives the de-
signer flexibility to choose between the high efficiency of
synchronous operation, or the low solution cost of asynchro-
nous operation. Along with flexibility, the LM2655 offers high
power density with the small footprint of a TSSOP-16 pack-
age.
High efficiency (>90%) is obtained through the use of an in-
ternal low ON-resistance (33m
Ω) MOSFET, and an external
N-Channel MOSFET. This feature, together with its low qui-
escent current, makes the LM2655 an ideal fit in portable ap-
plications.
Integrated in the LM2655 are all the power, control, and drive
functions for asynchronous operation. In addition, a low-side
driver output allows easy synchronous operation. The IC
uses patented current sensing circuitry that eliminates the
external current sensing resistor required by other current-
mode DC-DC converters. A programmable soft-start feature
limits start up current surges and provides a means of se-
quencing multiple power supplies.
Features
n
Ultra-high efficiency up to 96%
n
4V to 14V input voltage range
n
Internal high-side MOSFET with low R
DS(ON) = 0.033Ω
n
300 kHz fixed frequency internal oscillator
n
Low-side drive for synchronous operation
n
Guaranteed less than 12 µA shutdown current
n
Patented current sensing for current mode control
n
Programmable soft-start
n
Input undervoltage lockout
n
Output overvoltage shutdown protection
n
Output undervoltage shutdown protection
n
Thermal Shutdown
n
16-pin TSSOP package
Applications
n
Hard disk drives
n
Internet appliances
n
TFT monitors
n
Computer peripherals
n
Battery powered devices
Typical Application
DS101284-29
February 2000
© 2000 National Semiconductor Corporation
DS101284
www.national.com


Similar Part No. - LM2655

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
LM2655 TI2-LM2655 Datasheet
803Kb / 18P
LM2655 2.5A High Efficiency Synchronous Switching Regulator
April 2005
logo
National Semiconductor ...
LM2655MTC-3.3 NSC-LM2655MTC-3.3 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655MTC-3.3/NOPB TI-LM2655MTC-3.3/NOPB Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2655

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
2.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
1.5A High Efficiency Synchronous Switching Regulator
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com