Electronic Components Datasheet Search
  English  ▼

X  

LM2655 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2655 Datasheet HTML 6Page - National Semiconductor (TI) LM2655 Datasheet HTML 7Page - National Semiconductor (TI) LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) LM2655 Datasheet HTML 10Page - National Semiconductor (TI) LM2655 Datasheet HTML 11Page - National Semiconductor (TI) LM2655 Datasheet HTML 12Page - National Semiconductor (TI) LM2655 Datasheet HTML 13Page - National Semiconductor (TI) LM2655 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DESIGN PROCEDURE (Continued)
TABLE 1. MOSFET Manufacturers
Manufacturer
Model Number
Package Type
www Address
Phone
Fax
Fairchild
Semiconductor
FDC653N
SuperSOT-6
www.fairchildsemi.com
888-522-5372
207-761-6020
General
Semiconductor
GF4420
SO-8
www.gensemi.com
631-847-3000
631-847-3236
International
Rectifier
IRF7807
SO-8
www.irf.com
310-322-3331
310-322-3332
Vishay Siliconix
Si4812DY
SO-8
www.vishay.com
800-554-5565
408-567-8995
Si4874DY
SO-8
Zetex
ZXM64N03X
SO-8
www.zetex.com
(44) 161-622-4422
(44) 161-622-4420
LOW-SIDE MOSFET SELECTION
When operating in synchronous mode, special attention
should be given to the selection of the low-side MOSFET.
Besides choosing a MOSFET with minimal size and on resis-
tance, it is critical that the MOSFET meet certain rise and fall
time specifications. A 30ns deadtime between the low-side
and high-side MOSFET switching transitions is programmed
into the LM2655, as shown in
Figure 1. The prevent shoot-
through current, the low-side MOSFET must turn off before
the high-side MOSFET turns on. Hence, the low-side MOS-
FET has 30ns to turn off from the time the low-side driver
goes low. The fall time of the low-side MOSFET is governed
by the equation:
I
C =CIN*dVC/dt.
where I
C is the LDR sink current capability, CIN is the equiva-
lent capacitance seen at the LDR pin, and V
C is the gate-to-
source voltage of the MOSFET. I
C is limited by the low-side
driver of the LM2655, but C
IN is fixed by the MOSFET.
Therefore, it is important that the chosen MOSFET has a
suitable C
IN so that the LM2655 will be able to turn it off
within 30ns. An input capacitance of less than 1000pF is rec-
ommended. Several suitable MOSFETs are shown in
Table
1.
EXTERNAL SCHOTTKY DIODE (Syncronous)
A Schottky diode is recommended to prevent the intrinsic
body diode of the low-side MOSFET from conducting during
the deadtime in PWM operation. If the body diode turns on,
there is extra power dissipation in the body diode because of
the reverse-recovery current and higher forward voltage
drop. In addition, the high-side MOSFET has more switching
loss because the diode reverse-recovery current adds to the
high-side MOSFET turn-on current. These losses degrade
the efficiency by 1-2%. The improved efficiency and noise
immunity with the Schottky diode become more obvious with
increasing input voltage and load current.
It is important to place the diode very close to the switch pin
of the LM2655. Extra parasitic impedance due to the trace
between the switch pin and the cathode of the diode will
cause the current limit to decrease. The breakdown voltage
rating of the diode is preferred to be 25% higher than the
maximum input voltage. Since it is on for a short period of
time, the diode’s average current rating need only be 30% of
the maximum output current.
EXTERNAL SCHOTTKY DIODE (Asyncronous)
In asyncronous mode, the output current commutates
throught the schottky diode when the high-side MOSFET is
turned off. Using a schottky diode with low forward voltage
drop will minimize the effeciency loss in the diode. However,
to achieve the greatest efficiency, the LM2655 should be op-
erated in syncronous mode using a low-side MOSFET. Since
the Schottky diode conducts for the entire second half of the
duty cycle in asyncronous mode, it should be rated higher
than the full load current.
BOOST CAPACITOR
The boost capacitor provides the extra votage needed to
turn the high-side, n-channel MOSFET on. A 0.1 µF ceramic
capacitor is recommended for the boost capacitor. The typi-
cal voltage across the boost capacitor is 6.7V.
DS101284-21
FIGURE 1. Low-side/high-side driver timing diagram.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com