Electronic Components Datasheet Search
  English  ▼

X  

PCM1803DB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 5 Page - Texas Instruments

  PCM1803DB Datasheet HTML 1Page - Texas Instruments PCM1803DB Datasheet HTML 2Page - Texas Instruments PCM1803DB Datasheet HTML 3Page - Texas Instruments PCM1803DB Datasheet HTML 4Page - Texas Instruments PCM1803DB Datasheet HTML 5Page - Texas Instruments PCM1803DB Datasheet HTML 6Page - Texas Instruments PCM1803DB Datasheet HTML 7Page - Texas Instruments PCM1803DB Datasheet HTML 8Page - Texas Instruments PCM1803DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
PCM1803
SLES125 – NOVEMBER 2004
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS,
oversampling ratio =
×128, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE(5)
VIN = –0.5 dB, fS = 44.1 kHz
–95
–89
VIN = –0.5 dB, fS = 96 kHz(6)
–93
THD+N
Total harmonic distortion + noise
dB
VIN = –60 dB, fS = 44.1 kHz
–41
VIN = –60 dB, fS = 96 kHz(6)
–41
fS = 44.1 kHz, A-weighted
100
103
Dynamic range
dB
fS = 96 kHz, A-weighted(6)
103
fS = 44.1 kHz, A-weighted
100
103
SNR
Signal-to-noise ratio
dB
fS = 96 kHz, A-weighted(6)
103
fS = 44.1 kHz
95
98
Channel separation
dB
fS = 96 kHz(6)
99
ANALOG INPUT
VI
Input voltage
0.6 VCC
Vp-p
Center voltage (VREF1)
0.5 VCC
V
Input impedance
40
k
Ω
DIGITAL FILTER PERFORMANCE
Pass band
0.431 fS
Hz
Stop band
0.569 fS
Hz
Pass-band ripple
±0.05
dB
Stop-band attenuation
–65
dB
tGD
Group delay time
17.4/fS
s
HPF frequency response
–3 dB
0.019 fS
mHz
POWER SUPPLY REQUIREMENTS
VCC
4.5
5
5.5
VDC
Supply voltage range
VDD
2.7
3.3
3.6
VDC
ICC
7.7
10
mA
Power down(8)
5
µA
IDD
Supply current(7)
fS = 44.1 kHz
6.5
9
mA
fS = 96 kHz (6)
11.7
mA
Power down(8)
1
µA
fS = 44.1 kHz
60
80
mW
Power dissipation
fS = 96 kHz (6)
77
mW
Power down(8)
28
µW
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
85
°C
θ
JA
Thermal resistance
20-Pin SSOP
115
°C/W
(5)
Analog performance specifications are tested using the System Two™ audio measurement system by Audio Precision™, using 400-Hz
HPF, 20-kHz LPF in rms mode.
(6)
fS = 96 kHz, system clock = 256 fS, oversampling ratio = ×64.
(7)
Minimum load on DOUT (pin 12), BCK (pin 11), LRCK (pin 10)
(8)
Halt SCKI, BCK, LRCK.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com