Electronic Components Datasheet Search
  English  ▼

X  

PCM1803DB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1803DB Datasheet HTML 12Page - Texas Instruments PCM1803DB Datasheet HTML 13Page - Texas Instruments PCM1803DB Datasheet HTML 14Page - Texas Instruments PCM1803DB Datasheet HTML 15Page - Texas Instruments PCM1803DB Datasheet HTML 16Page - Texas Instruments PCM1803DB Datasheet HTML 17Page - Texas Instruments PCM1803DB Datasheet HTML 18Page - Texas Instruments PCM1803DB Datasheet HTML 19Page - Texas Instruments PCM1803DB Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.ti.com
VINL, VINR Pins
VREF1 Pin
VREF2 Pin
DOUT Pin
System Clock
PCM1803
SLES125 – NOVEMBER 2004
APPLICATION INFORMATION (continued)
The VINL and VINR pins need a simple external RC filter (fC = 160 kHz) as an antialiasing filter to remove
out-of-band noise from the audio band. If the input signal includes noise with a frequency near the oversampling
frequency (64 fS or 128 fS), the noise is folded into the baseband (audio band) signal through A-to-D conversion.
The recommended R value is 100
Ω. Film-type capacitors of 0.01-µF should be located as close as possible to
the VINL and VINR pins and should be terminated to GND as close as possible to the AGND pin to maximize the
dynamic performance of ADC, by suppressing kickback noise from the PCM1803.
A 0.1-
µF ceramic capacitor and 10-µF electrolytic capacitor are recommended between V
REF1 and AGND to
ensure low source impedance of the ADC references. These capacitors should be located as close as possible
to the VREF1 pin to reduce dynamic errors on the ADC reference.
The differential voltage between VREF2 and AGND sets the analog input full-scale range. A 0.1-µF ceramic
capacitor and 10-
µF electrolytic capacitor are recommended between V
REF2 and AGND. These capacitors should
be located as close as possible to the VREF2 pin to reduce dynamic errors on the ADC reference.
The DOUT pin has enough load drive capability, but if the DOUT line is long, locating a buffer near the PCM1803
and minimizing load capacitance is recommended to minimize the digital-analog crosstalk and maximize the
dynamic performance of the ADC.
The quality of the system clock can influence the dynamic performance, because the PCM1803 operates based
on a system clock. Therefore, it may be required to consider the system-clock duty, jitter, and the time difference
between system-clock transition and BCK or LRCK transition in the slave mode.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com