Electronic Components Datasheet Search
  English  ▼

X  

PCM1803DB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1803DB Datasheet HTML 12Page - Texas Instruments PCM1803DB Datasheet HTML 13Page - Texas Instruments PCM1803DB Datasheet HTML 14Page - Texas Instruments PCM1803DB Datasheet HTML 15Page - Texas Instruments PCM1803DB Datasheet HTML 16Page - Texas Instruments PCM1803DB Datasheet HTML 17Page - Texas Instruments PCM1803DB Datasheet HTML 18Page - Texas Instruments PCM1803DB Datasheet HTML 19Page - Texas Instruments PCM1803DB Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
TYPICAL CIRCUIT CONNECTION DIAGRAM
VINL
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PCM1803
VINR
VREF1
VREF2
VCC
AGND
PDWN
BYPAS
TEST
LRCK
MODE1
DGND
MODE0
FMT1
FMT0
OSR
DOUT
BCK
VDD
SCKI
+
Oversampling
System Clock
L-Ch IN
R-Ch IN
+5 V
C4
+
C5
Power Down
LCF Bypass
Control
+
C3
L/R Clock
Audio Data
Processor
Mode [1:0]
Format [1:0]
+3.3 V
Data Clock
Data Out
+
C1
+
C2
Control
R1
S0026-01
+
C6
R2
C7
C8
BOARD DESIGN and LAYOUT CONSIDERATIONS
VCC, VDD Pins
AGND, DGND Pins
PCM1803
SLES125 – NOVEMBER 2004
Figure 23 illustrates a typical circuit connection diagram where the cutoff frequency of the input HPF is about
160 kHz.
NOTES:
A.
C1, C2: A 1-µF electrolytic capacitor gives a 4-Hz (τ = 1 µF × 40 kΩ) cutoff frequency for the input HPF in normal
operation, and requires a power-on settling time with a 40-ms time constant during the power-on initialization period.
B.
C3, C4: Bypass capacitors are 0.1-µF ceramic and 10-µF electrolytic, depending on layout and power supply.
C.
C5, C6: Recommended capacitors are 0.1-µF ceramic and 10-µF electrolytic.
D.
C7, C8, R1, R2: A 0.01-µF film-type capacitor and 100-Ω resistor give a 160-kHz (τ = 0.01 µF × 100 Ω) cutoff
frequency for the antialiasing filter in normal operation.
Figure 23. Typical Application Diagram
The digital and analog power-supply lines to the PCM1803 should be bypassed to the corresponding ground pins
with 0.1-
µF ceramic and 10-µF electrolytic capacitors as close to the pins as possible to maximize the dynamic
performance of the ADC.
To maximize the dynamic performance of the PCM1803, the analog and digital grounds are not connected
internally. These grounds should have low impedance to avoid digital noise feeding back into the analog ground.
Therefore, they should be connected directly to each other under the part to reduce potential noise problems.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com