Electronic Components Datasheet Search
  English  ▼

X  

PCM1803DB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DB
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1803DB Datasheet HTML 7Page - Texas Instruments PCM1803DB Datasheet HTML 8Page - Texas Instruments PCM1803DB Datasheet HTML 9Page - Texas Instruments PCM1803DB Datasheet HTML 10Page - Texas Instruments PCM1803DB Datasheet HTML 11Page - Texas Instruments PCM1803DB Datasheet HTML 12Page - Texas Instruments PCM1803DB Datasheet HTML 13Page - Texas Instruments PCM1803DB Datasheet HTML 14Page - Texas Instruments PCM1803DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
DEVICE INFORMATION
SYSTEM CLOCK
SCKI
0.8 V
SCKI
2.0 V
t(SCKL)
t(SCKH)
T0005-07
POWER-ON RESET SEQUENCE
PCM1803
SLES125 – NOVEMBER 2004
The PCM1803 supports 256 fS, 384 fS, 512 fS, and 768 fS as the system clock, where fS is the audio sampling
frequency. The system clock must be supplied on SCKI (pin 15).
The PCM1803 has a system clock-detection circuit that automatically senses if the system clock is operating at
256 fS, 384 fS, 512 fS, or 768 fS in slave mode. In master mode, the system clock frequency must be selected by
MODE0 (pin 19) and MODE1 (pin 20), and 768 fS is not available. The system clock is divided automatically into
128 fS and 64 fS, and these frequencies are used to operate the digital filter and the delta-sigma modulator.
Table 1 shows the relationship of typical sampling frequency and system clock frequency, and Figure 17 shows
system clock timing.
Table 1. Sampling Frequency and System Clock Frequency
SAMPLING FREQUENCY (kHz)
SYSTEM CLOCK FREQUENCY (MHz)
256 fS
384 fS
512 fS
768 fS(1)
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
64
16.3840
24.5760
32.7680
49.1520
88.2
22.5792
33.8688
45.1584
–
96
24.5760
36.8640
49.1520
–
(1)
Slave mode only.
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(SCKH)
System clock pulse duration, HIGH
8
ns
t(SCKL)
System clock pulse duration, LOW
8
ns
Figure 17. System Clock Timing
The PCM1803 has an internal power-on reset circuit, and initialization (reset) is performed automatically at the
time when power-supply voltage (VDD) exceeds 2.2 V (typical). While VDD < 2.2 V (typical) and for 1024 system
clock cycles after VDD > 2.2 V (typical), the PCM1803 stays in the reset state and the digital output is forced to
zero. The digital output becomes valid when a time period of 4480/fS has elapsed following release from the
reset state. Figure 18 illustrates the internal power-on reset timing and the digital output for power-on reset.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com